Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA4658 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA4658
Description  Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4658 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA4658 Datasheet HTML 2Page - Burr-Brown (TI) OPA4658 Datasheet HTML 3Page - Burr-Brown (TI) OPA4658 Datasheet HTML 4Page - Burr-Brown (TI) OPA4658 Datasheet HTML 5Page - Burr-Brown (TI) OPA4658 Datasheet HTML 6Page - Burr-Brown (TI) OPA4658 Datasheet HTML 7Page - Burr-Brown (TI) OPA4658 Datasheet HTML 8Page - Burr-Brown (TI) OPA4658 Datasheet HTML 9Page - Burr-Brown (TI) OPA4658 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
®
OPA4658
At TA = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω, unless otherwise noted.
TYPICAL PERFORMANCE CURVES (CONT)
5MHz HARMONIC DISTORTION vs OUTPUT SWING
(G = +2)
01234
Output Swing (Vp-p)
–50
–60
–70
–80
–90
–100
3f
O
2f
O
10MHz HARMONIC DISTORTION vs OUTPUT SWING
(G = +2)
01234
Output Swing (Vp-p)
–50
–60
–70
–80
–90
–100
3f
O
2f
O
100k
1M
10M
100M
–40
–60
–80
–100
Frequency (Hz)
HARMONIC DISTORTION vs FREQUENCY
(G = +2, V
O = 2Vp-p)
2f
O
3f
O
SMALL SIGNAL TRANSIENT RESPONSE
(G = +2)
Time (5ns/div)
160
120
80
40
0
–40
–80
–120
–160
LARGE SIGNAL TRANSIENT RESPONSE
(G = +2)
Time (5ns/div)
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
40
35
30
25
20
15
10
10
100
90
80
70
60
50
40
30
20
RECOMMENDED ISOLATION RESISTANCE
vs CAPACITIVE LOAD
Capacitive Load (pf)
G = +2
C
L
1k
R
ISO
402
402


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn