Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF4002G Fiches technique(PDF) 4 Page - Leshan Radio Company

No de pièce UF4002G
Description  Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UF4002G Fiches technique(HTML) 4 Page - Leshan Radio Company

  UF4002G Datasheet HTML 1Page - Leshan Radio Company UF4002G Datasheet HTML 2Page - Leshan Radio Company UF4002G Datasheet HTML 3Page - Leshan Radio Company UF4002G Datasheet HTML 4Page - Leshan Radio Company UF4002G Datasheet HTML 5Page - Leshan Radio Company UF4002G Datasheet HTML 6Page - Leshan Radio Company UF4002G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
标题:
1.1. 弹带盒规格 ammo spec.
单位:
mm
L
WH
T52
262±2
76±2
90±2
T42
262±2
64±2
90±2
T26
250±3
45±3
95±3
1.2 弹带内盒要求 inner box spec.
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
1 弹带盒装 ammo and box
1
LRC标签
label
ROHS标签
label


Numéro de pièce similaire - UF4002G

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
UF4002G JGD-UF4002G Datasheet
164Kb / 2P
   1.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4002G HY-UF4002G Datasheet
425Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
Won-Top Electronics
UF4002G WTE-UF4002G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
SAMYANG ELECTRONICS CO....
UF4002G SAMYANG-UF4002G Datasheet
1,022Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Pan Jit International I...
UF4002G PANJIT-UF4002G Datasheet
43Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
More results

Description similaire - UF4002G

FabricantNo de pièceFiches techniqueDescription
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
UGP10A LRC-UGP10A Datasheet
183Kb / 7P
   Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
   Reverse Voltage 50 to 1000V Forward Current 1.0A
1H8 LRC-1H8_15 Datasheet
257Kb / 7P
   Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1H8 LRC-1H8 Datasheet
257Kb / 7P
   High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com