Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2686 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA2686
Description  Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2686 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2686 Datasheet HTML 2Page - Burr-Brown (TI) OPA2686 Datasheet HTML 3Page - Burr-Brown (TI) OPA2686 Datasheet HTML 4Page - Burr-Brown (TI) OPA2686 Datasheet HTML 5Page - Burr-Brown (TI) OPA2686 Datasheet HTML 6Page - Burr-Brown (TI) OPA2686 Datasheet HTML 7Page - Burr-Brown (TI) OPA2686 Datasheet HTML 8Page - Burr-Brown (TI) OPA2686 Datasheet HTML 9Page - Burr-Brown (TI) OPA2686 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
®
OPA2686
TYPICAL PERFORMANCE CURVES: VS = ±5V (Cont.)
At TA = +25°C, G = +10, RF = 453Ω, and RL = 100Ω, unless otherwise noted. See Figure 1.
60
50
40
30
20
10
0
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
22
21
20
19
18
17
16
15
14
13
12
Frequency (MHz)
FREQUENCY RESPONSE vs CAPACITIVE LOAD
1
100
10
500
C
L = 10pF
C
L = 50pF
C
L = 20pF
C
L = 100pF
OPA2686
RS
VIN
VO
CL
1k
453
50
1k
Ω is optional
–45
–55
–65
–75
–85
–95
–105
Frequency (MHz)
120
10
2nd HARMONIC DISTORTION
vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
G = +50V
G = +20
G = +10
50
45
40
35
30
25
20
15
0
TWO-TONE, 3rd-0RDER INTERMODULATION
INTERCEPT vs FREQUENCY
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
OPA2686
PI
PO
50
50
50
453
50
–45
–55
–65
–75
–85
–95
–105
Frequency (MHz)
120
10
3rd HARMONIC DISTORTION
vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
G = +10
G = +50
G = +20
10
1
INPUT VOLTAGE and CURRENT NOISE DENSITY
Frequency (Hz)
100
10M
1k
10k
100k
1M
1.8pA/
√Hz
1.4nV/
√Hz
Current Noise
Voltage Noise


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn