Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2677 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA2677
Description  Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2677 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2677 Datasheet HTML 2Page - Burr-Brown (TI) OPA2677 Datasheet HTML 3Page - Burr-Brown (TI) OPA2677 Datasheet HTML 4Page - Burr-Brown (TI) OPA2677 Datasheet HTML 5Page - Burr-Brown (TI) OPA2677 Datasheet HTML 6Page - Burr-Brown (TI) OPA2677 Datasheet HTML 7Page - Burr-Brown (TI) OPA2677 Datasheet HTML 8Page - Burr-Brown (TI) OPA2677 Datasheet HTML 9Page - Burr-Brown (TI) OPA2677 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
OPA2677
TYPICAL PERFORMANCE CURVES: VS = ±6V (Cont.)
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 1 for AC performance only
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
20
10
–60
–65
–70
–75
–80
–85
–90
–95
–100
V
O = 2Vp-p
R
L = 100Ω
Single Channel. See text
for differential performance.
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
0.1
1
10
–60
–65
–70
–75
–80
–85
–90
–95
–100
F = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
Single Channel. See text for differential performance.
HARMONIC DISTORTION vs NON-INVERTING GAIN
Gain Magnitude (V/V)
1
–60
–65
–70
–75
–80
–85
–90
–95
–100
10
V
O = 2Vp-p
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
Single Channel (see text for differential performance).
HARMONIC DISTORTION vs INVERTING GAIN
Gain Magnitude (–V/V)
1
–60
–65
–70
–75
–80
–85
–90
–95
–100
10
V
O = 2Vp-p
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
Single Channel (see text for differential performance).
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
10
100
1000
–60
–65
–70
–75
–80
–85
–90
–95
–100
Single Channel. See text
for differential performance.
V
O = 2Vp-p
f = 5MHz
2nd-Harmonic
3rd-Harmonic
2-TONE, 3rd-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–10
0
5
–5
10
–60
–65
–70
–75
–80
–85
–90
–95
–100
Figure 1
20MHz
5MHz
1MHz
Single Channel. See text
for differential performance.
10MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn