Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2677 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA2677
Description  Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2677 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA2677 Datasheet HTML 1Page - Burr-Brown (TI) OPA2677 Datasheet HTML 2Page - Burr-Brown (TI) OPA2677 Datasheet HTML 3Page - Burr-Brown (TI) OPA2677 Datasheet HTML 4Page - Burr-Brown (TI) OPA2677 Datasheet HTML 5Page - Burr-Brown (TI) OPA2677 Datasheet HTML 6Page - Burr-Brown (TI) OPA2677 Datasheet HTML 7Page - Burr-Brown (TI) OPA2677 Datasheet HTML 8Page - Burr-Brown (TI) OPA2677 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
OPA2677
TYPICAL PERFORMANCE CURVES: VS = ±6V
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 1 for AC performance only
NON-INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
6
3
0
–3
–6
–9
–12
–15
–18
V
O = 0.5Vp-p
See Figure 1.
G = +8
R
F = 250Ω
G = +2
R
F = 475Ω
G = +4
R
F = 402Ω
G = +1
R
F = 511Ω
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
6
3
0
–3
–6
–9
–12
–15
–18
V
O = 0.5Vp-p
G = –8, R
F = 280Ω
G = –2, R
F = 422Ω
G = –8, R
F = 280Ω
G = –4, R
F = 383Ω
NON-INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
18
15
12
9
6
3
0
–3
–6
–9
–12
–15
G = +4, See Figure 1
V
O = 10Vp-p
V
O = 8Vp-p
V
O = 2Vp-p
V
O ≤ 1Vp-p
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0
100
200
300
400
500
18
15
12
9
6
3
0
–3
–6
–9
–12
–15
G = –4
R
F = 383Ω
V
O = 8Vp-p
V
O = 10Vp-p
V
O = 5Vp-p
V
O ≤ 1Vp-p
NON-INVERTING PULSE RESPONSE
Time (5ns/div)
5Vp-p
G = +4
200mVp-p
Left Scale
Large Signal
Right Scale
Small Signal
INVERTING PULSE RESPONSE
Time (5ns/div)
5Vp-p
Left Scale
Large Signal
Right Scale
200mVp-p
Small Signal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn