Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2677 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA2677
Description  Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2677 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA2677 Datasheet HTML 1Page - Burr-Brown (TI) OPA2677 Datasheet HTML 2Page - Burr-Brown (TI) OPA2677 Datasheet HTML 3Page - Burr-Brown (TI) OPA2677 Datasheet HTML 4Page - Burr-Brown (TI) OPA2677 Datasheet HTML 5Page - Burr-Brown (TI) OPA2677 Datasheet HTML 6Page - Burr-Brown (TI) OPA2677 Datasheet HTML 7Page - Burr-Brown (TI) OPA2677 Datasheet HTML 8Page - Burr-Brown (TI) OPA2677 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
OPA2677
ABSOLUTE MAXIMUM RATINGS
Power Supply ..............................................................................
±6.5VDC
Internal Power Dissipation(1) ............................ See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: U, N, H ........................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
NOTE:: (1) Packages must be derated based on specified
θ
JA. Maximum TJ
must be observed.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from perfor-
mance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet published specifica-
tions.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATIONS
Top View
SO-8, PSO-8
SO-14
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
OPA2677U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2677U
OPA2677U
Rails
""
"
"
"
OPA2677U/2K5
Tape and Reel
OPA2677H
PSO-8 Surface Mount
182-1
–40
°C to +85°C
OPA2677H
Rails
""
"
"
"
Tape and Reel
OPA2677N
SO-14 Surface Mount
235
–40
°C to –85°C
OPA2677N
Rails
""
"
"
"
Tape and Reel
NOTE: (1) Models with a slash (/) are available only as Tape and Reel in the quantity indicated after the slash (e.g. /2K5 indicates 2500 devices per reel). Ordering 2500
pieces of the OPA2677U/2K5 will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
1
2
3
4
8
7
6
5
+V
S
Out B
–In B
+In B
OPA2677U, H
Out A
–In A
+In A
–V
S
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–In A
+In A
A0
–V
S
A1
+In B
–In B
Out A
NC
NC
+V
S
NC
NC
Out B
Power
Control
OPA2677N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn