Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2652 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA2652
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2652 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA2652 Datasheet HTML 1Page - Burr-Brown (TI) OPA2652 Datasheet HTML 2Page - Burr-Brown (TI) OPA2652 Datasheet HTML 3Page - Burr-Brown (TI) OPA2652 Datasheet HTML 4Page - Burr-Brown (TI) OPA2652 Datasheet HTML 5Page - Burr-Brown (TI) OPA2652 Datasheet HTML 6Page - Burr-Brown (TI) OPA2652 Datasheet HTML 7Page - Burr-Brown (TI) OPA2652 Datasheet HTML 8Page - Burr-Brown (TI) OPA2652 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
OPA2652
TYPICAL PERFORMANCE CURVES: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figures 1 and 2.
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
3rd Harmonic
2nd Harmonic
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
100
1000
V
O = 2Vp-p
f = 5MHz
3rd Harmonic
2nd Harmonic
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Supply Voltage (V)
±3
±4
±5
±6
V
O = 2Vp-p
f = 5MHz
3rd Harmonic
2nd Harmonic
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs NON-INVERTING GAIN
Gain Magnitude (V/V)
110
V
O = 2Vp-p
f = 5MHz
2nd Harmonic
3rd Harmonic
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs INVERTING GAIN
Gain Magnitude (V/V)
110
V
O = 2Vp-p
f = 5MHz
2nd Harmonic
3rd Harmonic
–50
–60
–70
–80
–90
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
0.1
1
4
f = 5MHz
3rd Harmonic
2nd Harmonic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn