Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA2652 Fiches technique(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce OPA2652
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2652 Fiches technique(HTML) 2 Page - Burr-Brown (TI)

  OPA2652 Datasheet HTML 1Page - Burr-Brown (TI) OPA2652 Datasheet HTML 2Page - Burr-Brown (TI) OPA2652 Datasheet HTML 3Page - Burr-Brown (TI) OPA2652 Datasheet HTML 4Page - Burr-Brown (TI) OPA2652 Datasheet HTML 5Page - Burr-Brown (TI) OPA2652 Datasheet HTML 6Page - Burr-Brown (TI) OPA2652 Datasheet HTML 7Page - Burr-Brown (TI) OPA2652 Datasheet HTML 8Page - Burr-Brown (TI) OPA2652 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
OPA2652
OPA2652U, E
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL(1)
SPECIFICATIONS: VS = ±5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figures 1 and 2 for AC performance only.
AC PERFORMANCE
(Figures 1 and 2)
Small-Signal Bandwidth
G = +1, RF = 25Ω, VO = 200mVp-p
700
MHz
typ
C
G = +2, VO = 200mVp-p
200
MHz
typ
C
G = +5, VO = 200mVp-p
45
MHz
typ
C
Gain Bandwidth Product
G
≥ +10
200
MHz
typ
C
Bandwidth for 0.1dB Flatness
VO = 200mVp-p
50
MHz
typ
C
Peaking at a Gain of +1
G = +1, RF = 25Ω,VO = 200mVp-p
0
dB
typ
C
Slew Rate
4V Step
335
V/
µs
typ
C
Rise/Fall Time
200mV Step
2.0
ns
typ
C
4V Step
10
ns
typ
C
Large Signal Bandwidth
VO = 4Vp-p
50
MHz
typ
C
SFDR
VO = 2Vp-p, 5MHz
66
dB
typ
C
Input Voltage Noise
f > 1MHz
8
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
1.4
pA/
√Hz
typ
C
Differential Gain Error
NTSC, RL = 150Ω
0.05
%
typ
C
Differential Phase Error
NTSC, RL = 150Ω
0.03
degrees
typ
C
Channel-to-Channel Crosstalk
f = 5MHz
–100
dBc
typ
C
DC PERFORMANCE(4)
VCM = 0V
Open-Loop Voltage Gain
63
56
55
54
dB
min
A
Input Offset Voltage
±1.5
±7
mV
max
A
Average Offset Drift
57
µV/°C
max
B
Input Bias Current
4
152025
µA
max
A
Input Bias Current Drift
µA/°C
max
B
Input Offset Current
±0.3
±1.0
±1.4
±2.0
µA
max
A
Input Offset Current Drift
µA/°C
max
B
INPUT(4)
Common-Mode Input Range
±4.0
±3.0
±2.8
±2.7
V
min
A
Common-Mode Rejection Ratio
95
75
dB
min
A
Input Impedance
VCM = 0V
Differential
35 || 1
k
Ω || pF
typ
C
Common Mode
18 || 1
M
Ω || pF typ
C
OUTPUT
Voltage Output Swing
1k
Ω Load
±3.0
±2.4
V
min
A
100
Ω Load
±2.5
±2.2
V
min
A
Output Current, Sourcing
VO = 0V
140
100
85
75
mA
min
A
Output Current, Sinking
VO = 0V
140
100
85
75
mA
min
A
Closed-Loop Output Impedance
f < 100kHz
0.06
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6
±6
±6
V
max
A
Maximum Quiescent Current
Total Both Channels
11
13.2
14
15.5
mA
max
A
Minimum Quiescent Current
Total Both Channels
11
8.8
8
7.5
mA
min
A
Power Supply Rejection Ratio (–PSRR)
Input Referred
58
54
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Temperature Range
U, E Package
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
U
SO-8
125
°C/W
typ
C
E
SOT23-8
150
°C/W
typ
C
NOTES: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information. (2) Junction temperature = ambient for 25
°C guaranteed specifications. (3) Junction temperature = ambient at low temperature
limit: junction temperature = ambient +23
°C at high temperature limit for over temperature guaranteed specifications. (4) Current is considered positive-out-of node.
VCM is the input common-mode voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn