Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC137MS-26 Fiches technique(PDF) 1 Page - API Technologies Corp

No de pièce MC137MS-26
Description  Double Balanced Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MC137MS-26 Fiches technique(HTML) 1 Page - API Technologies Corp

  MC137MS-26 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixer
Communications Band
Model MC137MS-26
RF 12.0 to 18.0 GHz
LO (GHz)
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
15.0-26.0
RF (GHz)
17.0-24.0
17.0-24.0
17.0-24.0
17.0-24.0
17.0-24.0
17.0-24.0
IF (MHz)
DC-2000
DC-4000
DC-4000
DC-4000
DC-4000
Min
Typical
7.5 dB
8.5 dB
38 dB
30 dB
40 dB
+3 dBm
+13 dBm
+17 dBm
Max
9.5 dB
10.5 dB
Conditions
Electrical Specifications (1):
Parameter
SSB Conversion
loss:(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1 dB
Compression Point:
Input Third Order
Intercept Point:
LO Power: (4)
MC137MS-26
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the
nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
5. See Application note M112, for aid in selecting the outline and for mounting and installation information.
All dimensions are in inches and [mm].
Outline: MS3AL
Specifications
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
4/27/07


Numéro de pièce similaire - MC137MS-26

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC1374P MOTOROLA-MC1374P Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC13751 MOTOROLA-MC13751 Datasheet
113Kb / 5P
   DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
MC13751FCR2 MOTOROLA-MC13751FCR2 Datasheet
113Kb / 5P
   DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
More results

Description similaire - MC137MS-26

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com