Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ85A Fiches technique(PDF) 9 Page - Leshan Radio Company

No de pièce SMAJ85A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ85A Fiches technique(HTML) 9 Page - Leshan Radio Company

Back Button SMAJ85A Datasheet HTML 3Page - Leshan Radio Company SMAJ85A Datasheet HTML 4Page - Leshan Radio Company SMAJ85A Datasheet HTML 5Page - Leshan Radio Company SMAJ85A Datasheet HTML 6Page - Leshan Radio Company SMAJ85A Datasheet HTML 7Page - Leshan Radio Company SMAJ85A Datasheet HTML 8Page - Leshan Radio Company SMAJ85A Datasheet HTML 9Page - Leshan Radio Company SMAJ85A Datasheet HTML 10Page - Leshan Radio Company SMAJ85A Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
标题Titile:
C. 标签要求label spec:
LRC标签label
ROHS标签
无卤标签 HF label
所有标签贴在卷盘负极 all the label on cathode side
overseas
13"卷盘内盒inner box
A处:贴LRC标签;
B处:贴ROHS标签
C处:贴无卤标签HF label
(无卤产品才贴HF only)
第 5
7"卷盘盒 inner box
Packaging specification of SMD
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
2.2 国外客户
A
A
******
******
******
******
LRC产品型号 type
产品数量 quantity
产品生产日期
date
产品批号 LOT
Green
C
C
C


Numéro de pièce similaire - SMAJ85A

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
SMAJ85A FS-SMAJ85A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
SMAJ85A LUGUANG-SMAJ85A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ85A SUNMATE-SMAJ85A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
Jinan Gude Electronic D...
SMAJ85A JGD-SMAJ85A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ85A SOCAY-SMAJ85A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Description similaire - SMAJ85A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com