Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC1G14GW Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74HC1G14GW
Description  Inverting Schmitt trigger Rev. 6 ??27 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G14GW Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74HC1G14GW Datasheet HTML 5Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 6Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 7Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 8Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 9Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 10Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 11Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 12Page - NXP Semiconductors 74HC1G14GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74HC_HCT1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 December 2012
9 of 16
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
tf = fall time (ns); 90 % to 10 %
I
CC(AV) = average additional supply current (A)
I
CC(AV) differs with positive or negative input transitions, as shown in Figure 14
and Figure 15.
74HC1G14 and 74HCT1G14 used in relaxation oscillator circuit, see Figure 16.
Remark: All values given are typical unless otherwise specified.
Fig 14.
I
CC(AV) for 74HC1G14 devices; linear change of
VI between 0.1  VCC to 0.9  VCC
Fig 15.
I
CC(AV) for 74HCT1G14 devices; linear change
of VI between 0.1  VCC to 0.9  VCC
mna036
0
2.0
4.0
6.0
VCC (V)
200
150
50
0
100
ΔICC(AV)
(
μA)
positive-going
edge
negative-going
edge
mna058
04
6
2
VCC (V)
200
100
50
150
0
ΔICC(AV)
(
μA)
positive-going
edge
negative-going
edge


Numéro de pièce similaire - 74HC1G14GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G14GW PHILIPS-74HC1G14GW Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14GW NXP-74HC1G14GW Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HC1G14GW NXP-74HC1G14GW Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HC1G14GW NEXPERIA-74HC1G14GW Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HC1G14GW-Q100 NEXPERIA-74HC1G14GW-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Description similaire - 74HC1G14GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com