Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4399 Fiches technique(PDF) 2 Page - Savantic, Inc.

No de pièce 2N4399
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N4399 Fiches technique(HTML) 2 Page - Savantic, Inc.

  2N4399 Datasheet HTML 1Page - Savantic, Inc. 2N4399 Datasheet HTML 2Page - Savantic, Inc. 2N4399 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N4398 2N4399 2N5745
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N4398
-40
2N4399
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5745
IC=-0.2A ;IB=0
-80
V
2N4398/4399
-0.75
VCE(sat)-1
Collector-emitter
saturation voltage
2N5745
IC=-10A; IB=-1A
-1.0
V
2N4398/4399
-1.0
VCE(sat)-1
Collector-emitter
saturation voltage
2N5745
IC=-15A ;IB=-1.5A
-1.5
V
2N4398/4399
IC=-20A ;IB=-2A
VCE(sat)-3
Collector-emitter
saturation voltage
2N5745
IC=-20A ;IB=-4A
-2.0
V
VCE(sat)-4
Collector-emitter saturation voltage
Only for 2N4398 2N4399
IC=-30A ;IB=-6A
-4.0
V
2N4398/4399
-1.6
VBE(sat)-1
Base-emitter
saturation voltage
2N5745
IC=-10A; IB=-1A
-1.7
V
2N4398/4399
-1.85
VBE(sat)-2
Base-emitter
saturation voltage
2N5745
IC=-15A ;IB=-1.5A
-2.0
V
2N4398/4399
IC=-20A ;IB=-2A
VBE(sat)-3
Base-emitter
saturation voltage
2N5745
IC=-20A ;IB=-4A
-2.5
V
2N4398/4399
IC=-15A ; VCE=-2V
-1.7
VBE(on)-1
Base-emitter
on voltage
2N5745
IC=-10A ; VCE=-2V
-1.5
V
2N4398/4399
IC=-30A ; VCE=-4V
-3.0
VBE(on)-2
Base-emitter
on voltage
2N5745
IC=-20A ; VCE=-4V
-2.5
V
ICEX
Collector cut-off current
VCE= Rated VCEO; VBE(off)=-1.5V
TC=150
-5.0
-10
mA
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
-5.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5.0
mA
hFE-1
DC current gain
IC=-1A ; VCE=-2V
40
2N5745
IC=-10A ; VCE=-2V
hFE-2
DC current gain
2N4398/4399
IC=-15A ; VCE=-2V
15
60
2N5745
IC=-20A ; VCE=-2V
hFE-3
DC current gain
2N4398/4399
IC=-30A ; VCE=-4V
5
2N4398/4399
4
fT
Transition
frequency
2N5745
IC=-1A ; VCE=-10V;f=1.0MHz
2
MHz


Numéro de pièce similaire - 2N4399

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N4399 MOSPEC-2N4399 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
logo
Microsemi Corporation
2N4399 MICROSEMI-2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
Boca Semiconductor Corp...
2N4399 BOCA-2N4399 Datasheet
165Kb / 4P
   PNP SILICON HIGH-POWER TRANSISTORS
logo
Central Semiconductor C...
2N4399 CENTRAL-2N4399 Datasheet
495Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
More results

Description similaire - 2N4399

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com