Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

91SMOYSS Fiches technique(PDF) 1 Page - Wolfgang Knap

No de pièce 91SMOYSS
Description  Crystal Clock Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WK [Wolfgang Knap]
Site Internet  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

91SMOYSS Fiches technique(HTML) 1 Page - Wolfgang Knap

  91SMOYSS Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Clock Oscillators
83
TF
T
t
90% or 80% VDD
10% or 20% VDD
OV DC
Symmetry=t/T×100(%)
50% VDD
TR
GND
VOH ("1"Level)
VOL ("0"Level)
VDD
OUTPUT WAVEFORM
V
DC Power
Supply
CL : including fixture and probe capacitance.
VDD
VDD
CL
Test Point
#2
#3
OUTPUT
TRI-STATE
GND
#1
#4
A
TEST CIRCUIT
1.8
3.28
1.8
5.08
0.01μF
0.1μF
SOLDERING PATTERN
Lid
Base
Sealing
Terminal
Terminal plating
RoHS
91SMO
Ceramic
Ceramic
Glass
Tungsten (metalized)
Gold / Nickel
(surface) / (under)
Compliant
91SMO※1
1.8 MHz to 80.0 MHz
100.0
MHz to 165.0 MHz
1.8 MHz to 80.0 MHz
1.8 MHz to 66.0 MHz
91SMO(3VJ)
: ±100 ppm 91SMO(3VL)
: ±100 ppm 91SMO(E)
:±100 ppm 91SMO(X)
:±100 ppm
91SMO(3VJK) : ±50 ppm
91SMO(3VLH) : ±50 ppm 91SMO(F)
: ±50 ppm 91SMO(Y)
: ±50 ppm
91SMO(3VJS) : ±30 ppm
91SMO(3VLS) : ±30 ppm 91SMO(FS) : ±30 ppm 91SMO(YS) : ±30 ppm
91SMO(3VJSS) : ±25 ppm
91SMO(3VLSS) : ±25 ppm 91SMO(FSS) : ±25 ppm 91SMO(YSS) : ±25 ppm
91SMO(3VJSSS) : ±20 ppm
91SMO(3VLSSS) : ±20 ppm 91SMO(FSSS) : ±20 ppm 91SMO(YSSS): ±20 ppm
-10˚C to +70˚C (standard)
-40˚C to +85˚C (W) : ±50 ppm & ±100 ppm
+3.0V DC ±10% or +3.3V DC ±10%
+5V DC ±10%
VIH : 90%VDD min.
VIH : +2.2VDD min.
VIL : 10%VDD max.
VIL : +0.5VDD max.
-0.5V to +7.0V DC
-55˚C to +125˚C
8 mA max. (1.8 MHz to 34 MHz)
10 mA max.(1.8 to 30 MHz)
20 mA max.(1.8 to 20 MHz)
12 mA max. (34 MHz to 50 MHz)
15 mA max.(30 to 50 MHz)
35 mA max.(20 to 50 MHz)
15 mA max. (50 MHz to 66 MHz)
30 mA max.(50 to 66 MHz)
60 mA max.(50 to 66 MHz)
45 mA max. (66 MHz to 165 MHz)
50 mA max.(66 to 80 MHz)
n.a.※3
15μA max.※2
n.a.※3
40% to 60% at 50%VDD level
10 ns max.
3 ns max.
10 ns max.
VOL : 10%VDD max.
VOH : 90%VDD min.
15 pF max. (CMOS)
50 pF max. (CMOS)
150 ns max.
100 ns max.
150 ns max.
10 ms max.
100 ns max.
10 ms max.
±5 ppm max. at +25˚C ±3˚C for first year
+250˚C ±10˚C for 10 seconds
+170˚C ±10˚C for 1 to 2 minutes (preheating)
7.0
±0.2
1.4
1.4
3.68
5.08
#3
#4
#2
#1
#2
#1
#3
#4
PIN
1
CONNECTION
"L"
2
GND
3Z
OPEN or "H"
OUTPUT
Z : high impedance
4VDD
91SMO
91SMO
91SMO (+3.0V, +3.3V or +5V FIXED MODELS)
STANDARD SMD CLOCK OSCILLATORS
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
Item
Specifications
(※1) Final exact part number to be determined with frequency, frequency stability, operating temperature and input voltage.
e.g. 91SMO(3.0VLH) 80.000 MHz.
(※2) Internal crystal oscillation to be halted (Pin #1=VIL).
(※3) Stand-by (SB) function is available upon request.
Generic part number
Frequency range
Frequency stability
(-10˚C to +70˚C)
over all conditions
Operating Conditions
Operating temperature
Input voltage (VDD)
Tri-state control
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current
(Pin #1 = Open or VIH)
Stand-by current
Output (-40˚C to +85˚C)
Symmetry
Rise and fall times
(10%VDD to 90%VDD level)
"0" level
"1" level
Load
Disable delay time
Enable delay time
Startup time
Aging
Reflow condition
A
7.4 5.4 16.0 7.5 8.0 1.5 0.3 1.9
180
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size


Numéro de pièce similaire - 91SMOYSS

FabricantNo de pièceFiches techniqueDescription
logo
Wolfgang Knap
91SMOP WK-91SMOP Datasheet
93Kb / 1P
   Crystal Clock Oscillators
91SMOPA WK-91SMOPA Datasheet
93Kb / 1P
   Crystal Clock Oscillators
91SMOPB WK-91SMOPB Datasheet
93Kb / 1P
   Crystal Clock Oscillators
91SMOPJ WK-91SMOPJ Datasheet
93Kb / 1P
   Crystal Clock Oscillators
91SMOPK WK-91SMOPK Datasheet
93Kb / 1P
   Crystal Clock Oscillators
More results

Description similaire - 91SMOYSS

FabricantNo de pièceFiches techniqueDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com