Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7297 Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce TDA7297
Description  1010W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7297 Fiches technique(HTML) 8 Page - Unisonic Technologies

  TDA7297 Datasheet HTML 1Page - Unisonic Technologies TDA7297 Datasheet HTML 2Page - Unisonic Technologies TDA7297 Datasheet HTML 3Page - Unisonic Technologies TDA7297 Datasheet HTML 4Page - Unisonic Technologies TDA7297 Datasheet HTML 5Page - Unisonic Technologies TDA7297 Datasheet HTML 6Page - Unisonic Technologies TDA7297 Datasheet HTML 7Page - Unisonic Technologies TDA7297 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TDA7297
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R105-044.D
TYPICAL CHARACTERISTICS
Frequency Respone
Frequency, f (Hz)
0
1K
100K
Output Power vs. Supply Voltage
Supply Voltage, VCC (V)
0
0
2
4
6
8
10
12
14
16
18
20
6 7 8 9 10 11 12 13 14 15
Quiscent Current vs. Supply Voltage
Supply Voltage, VCC (V)
0
4
12
20
28
36
44
78
19
9
-5
-4
-3
-2
-1
0
1
2
3
4
5
100
10K
VCC=13V
RL=8Ω
Pout=1W
16 17 18 19
RL=8Ω
f = 1KHz
d=10%
d=1%
10
40
32
24
16
8
10 11
13
12
14 15 16 17 18
20
6
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - TDA7297

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
125Kb / 9P
   1515W DUAL BRIDGE AMPLIFIER
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Toshiba Semiconductor
TDA7297 TOSHIBA-TDA7297 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7297G-J15-A-T UTC-TDA7297G-J15-A-T Datasheet
258Kb / 8P
   10W DUAL BRIDGE AMPLIFIER
More results

Description similaire - TDA7297

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
   1010W DUAL BRIDGE AMPLIFIER
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7297 UTC-TDA7297_15 Datasheet
258Kb / 8P
   10W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
   10 10W STEREO AMPLIFIER
logo
Unisonic Technologies
TDA2009 UTC-TDA2009 Datasheet
123Kb / 6P
   10 10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
   10 10W STEREO AMPLIFIER
PA2009 UTC-PA2009 Datasheet
167Kb / 5P
   10 10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
   10 10W STEREO AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com