Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWLF1524P2YXX Fiches technique(PDF) 1 Page - Finisar Corporation.

No de pièce FWLF1524P2YXX
Description  4 Gigabit RoHS Compliant CWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1524P2YXX Fiches technique(HTML) 1 Page - Finisar Corporation.

  FWLF1524P2YXX Datasheet HTML 1Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 2Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 3Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 4Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 5Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 6Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 7Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 8Page - Finisar Corporation. FWLF1524P2YXX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
Finisar Corporation April, 2012 Rev E
Page 1
Product Specification
4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1524P2yxx
PRODUCT FEATURES
Up to 4.25Gb/s bi-directional
data links
Hot-pluggable SFP footprint
Built-in digital diagnostic functions
CWDM DFB laser transmitter
Duplex LC connector
RoHS compliant and Lead Free
Up to 30 km on 9/125 m SMF at
4.25 Gb/s
Metal enclosure, for lower EMI
Single 3.3V power supply
Commercial operating temperature
range: -5°C to 75°C
APPLICATIONS
Metro Access Rings and Point-to-
Point networking for Gigabit
Ethernet and Fibre Channel
Link concatenation/aggregation
Finisar’s FWLF1524P2yxx Small Form Factor Pluggable (SFP) transceiver is compatible
with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)1. The
transceiver is designed for operation in Metro Access Rings and Point-to-Point networks
using Fibre Channel
2
Gigabit Ethernet
3
networking equipment by selecting the
appropriate line rate. The FWLF1524P2yxx available in eight different CWDM
wavelengths; and is RoHS compliant and lead-free per Directive 2002/95/EC
4 and Finisar
Application Note AN-2038.


Numéro de pièce similaire - FWLF1524P2YXX

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF1524P2V FINISAR-FWLF1524P2V Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1524P2V47 FINISAR-FWLF1524P2V47 Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1524P2V49 FINISAR-FWLF1524P2V49 Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1524P2V51 FINISAR-FWLF1524P2V51 Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1524P2V53 FINISAR-FWLF1524P2V53 Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
More results

Description similaire - FWLF1524P2YXX

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF1524P2V FINISAR-FWLF1524P2V Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com