Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC716PB Fiches technique(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC716PB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716PB Fiches technique(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC716PB Datasheet HTML 3Page - Burr-Brown (TI) DAC716PB Datasheet HTML 4Page - Burr-Brown (TI) DAC716PB Datasheet HTML 5Page - Burr-Brown (TI) DAC716PB Datasheet HTML 6Page - Burr-Brown (TI) DAC716PB Datasheet HTML 7Page - Burr-Brown (TI) DAC716PB Datasheet HTML 8Page - Burr-Brown (TI) DAC716PB Datasheet HTML 9Page - Burr-Brown (TI) DAC716PB Datasheet HTML 10Page - Burr-Brown (TI) DAC716PB Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
DAC716
FIGURE 1. DAC716 Block Diagram.
FIGURE 2. Equivalent Circuit of Digital Inputs.
FIGURE 3. Relationship of Offset and Gain Adjustments.
Gain Adjustment
Apply the digital input that gives the maximum positive
voltage output. Adjust the gain potentiometer or the gain
adjust D/A converter for this positive full scale voltage.
GAIN AND OFFSET ADJUSTMENTS
Figure 3 illustrates the relationship of offset and gain adjust-
ments for a unipolar connected D/A converter. Offset should
be adjusted first to avoid interaction of adjustments. See
Table I for calibration values and codes. These adjustments
have a minimum range of
±0.3%.
Offset Adjustment
Apply the digital input code, 0000, that produces 0V and adjust
the offset potentiometer or the offset adjust D/A converter for
0V.
Shift Register
DAC Latch
14
12
+10V
Reference
8
6
7
DCOM
+V
CC
ACOM
V
REF OUT
Gain Adjust
4
SDI
5
SDO
16
2
A
0
3
A
1
1
16
CLK
CLR
15
– V
CC
Offset
Adjust
13
NC
11
NC
10
9
V
OUT
D/A Switches
–V
CC
+2.5V
15k
180
9.75k
5k
R
R = 1k
Ω: A
0, A1, CLK, CLR, SDI
ESD Protection Circuit
6.8V
5pF
Digital
Input
–V
CC
+V
CC
1LSB
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
FFFF
H
8000
H
0000
H
Full Scale
Range
Gain Adjust
Rotates the Line
Zero
Range of
Gain Adjust
≈ ±0.3%
≈ ±0.3%
+ Full Scale


Numéro de pièce similaire - DAC716PB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC716PB TI1-DAC716PB Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716PBG4 TI1-DAC716PBG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Description similaire - DAC716PB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com