Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC712UB Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC712UB
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC712UB Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  DAC712UB Datasheet HTML 1Page - Burr-Brown (TI) DAC712UB Datasheet HTML 2Page - Burr-Brown (TI) DAC712UB Datasheet HTML 3Page - Burr-Brown (TI) DAC712UB Datasheet HTML 4Page - Burr-Brown (TI) DAC712UB Datasheet HTML 5Page - Burr-Brown (TI) DAC712UB Datasheet HTML 6Page - Burr-Brown (TI) DAC712UB Datasheet HTML 7Page - Burr-Brown (TI) DAC712UB Datasheet HTML 8Page - Burr-Brown (TI) DAC712UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
DAC712
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATION
PIN
LABEL
DESCRIPTION
1
DCOM
Power Supply return for digital currents.
2
ACOM
Analog Supply Return.
3VOUT
±10V D/A Output.
4
Off Adj
Offset Adjust (Bipolar).
5VREF OUT
Voltage Reference Output.
6
Gain Adj
Gain Adjust.
7+VCC
+12V to +15V Supply.
8–VCC
–12V to –15V Supply.
9
CLR
CLEAR. Sets D/A output to BIPOLAR ZERO
(Active Low).
10
WR
Write (Active Low).
11
A1
Enable for D/A latch (Active Low).
12
A0
Enable for Input latch (Active Low).
13
D15
Data Bit 15 (Most Significant Bit).
14
D14
Data Bit 14.
15
D13
Data Bit 13.
16
D12
Data Bit 12.
17
D11
Data Bit 11.
18
D10
Data Bit 10.
19
D9
Data Bit 9.
20
D8
Data Bit 8.
21
D7
Data Bit 7.
22
D6
Data Bit 6.
23
D5
Data Bit 5.
24
D4
Data Bit 4.
25
D3
Data Bit 3.
26
D2
Data Bit 2.
27
D1
Data Bit 1.
28
D0
Data Bit 0 (Least Significant Bit).
PIN DESCRIPTIONS
DCOM
ACOM
V
OUT
Offset Adjust
V
REF OUT
Gain Adjust
+V
CC
–V
CC
CLR
WR
A
1
A
0
D15 MSB
D14
LSB D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC712


Numéro de pièce similaire - DAC712UB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC712UB TI1-DAC712UB Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1K TI1-DAC712UB/1K Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1KG4 TI1-DAC712UB/1KG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UBG4 TI1-DAC712UBG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Description similaire - DAC712UB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com