Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC4814 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC4814
Description  Quad 12-Bit Digital-to-Analog Converter Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4814 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  DAC4814 Datasheet HTML 1Page - Burr-Brown (TI) DAC4814 Datasheet HTML 2Page - Burr-Brown (TI) DAC4814 Datasheet HTML 3Page - Burr-Brown (TI) DAC4814 Datasheet HTML 4Page - Burr-Brown (TI) DAC4814 Datasheet HTML 5Page - Burr-Brown (TI) DAC4814 Datasheet HTML 6Page - Burr-Brown (TI) DAC4814 Datasheet HTML 7Page - Burr-Brown (TI) DAC4814 Datasheet HTML 8Page - Burr-Brown (TI) DAC4814 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
q COMPLETE QUAD DAC —
INCLUDES INTERNAL REFERENCES AND
OUTPUT AMPLIFIERS
q GUARANTEED SPECIFICATIONS
OVER TEMPERATURE
q GUARANTEED MONOTONIC OVER
TEMPERATURE
q HIGH-SPEED SERIAL INTERFACE
(10MHz CLOCK)
q LOW POWER: 600mW (150mW/DAC)
q LOW GAIN DRIFT: 5ppm/
°C
q LOW NONLINEARITY:
±1/2 LSB max
q UNIPOLAR OR BIPOLAR OUTPUT
q CLEAR/RESET TO UNIPOLAR OR
BIPOLAR ZERO
DESCRIPTION
The DAC4814 is one in a family of dual and quad 12-
bit digital-to-analog converters. Serial, 8-bit, 12-bit
interfaces are available.
The DAC4814 is complete. It contains CMOS logic,
switches, a high-performance buried-zener reference,
and low-noise bipolar output amplifiers. No external
components are required for either unipolar 0 to 10V,
0 to –10V, or bipolar
±10V output ranges.
The DAC4814 has a high-speed serial interface
capable of being clocked at 10MHz. Serial data are
clocked DAC D MSB first into a 48-bit shift register,
then strobed into each DAC separately or simulta-
neously as required. The DAC has an asynchronous
clear control for reset to unipolar or bipolar zero
depending on the mode selected. This feature is useful
for power-on reset or system calibration. The DAC4814
is packaged in a 28-pin plastic DIP rated for the –40
°C
to +85
°C extended industrial temperature range.
High-stability laser-trimmed thin film resistors assure
high reliability and true 12-bit integral and differential
linearity over the full specified temperature range.
A
20k
20k
20k
20k
10k
10k
Logic
4
3
11
5
1
9
14
28
15
7
12
17
+V
Out
REF
Inv In
Inv Out
BPO B
V
B
OUT
BPO C
V
C
OUT
+V
L
+V
S
–V
S
AGND
DGND
10V
Ref
DAC B
DAC C
DAC4814
5
A
2
A
3
20k
20k
8
13
BPO D
V
D
OUT
DAC D
A
4
20k
20k
10
6
2
V
In
REF
BPO A
V
A
OUT
DAC A
A
1
Serial
Data and
Control In
Serial
Data
Out
18
DAC4814
Quad 12-Bit Digital-to-Analog Converter
(Serial Interface)
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
®
© 1991 Burr-Brown Corporation
PDS-1111B
Printed in U.S.A. April, 1995


Numéro de pièce similaire - DAC4814

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813AP BURR-BROWN-DAC4813AP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813JP BURR-BROWN-DAC4813JP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

Description similaire - DAC4814

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com