Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC2815AP Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC2815AP
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2815AP Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC2815AP Datasheet HTML 3Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 4Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 5Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 6Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 7Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 8Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 9Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 10Page - Burr-Brown (TI) DAC2815AP Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
®
DAC2 815
9
R
GND
DAC A
DAC B
DAC A
DAC B
R
GND
V
A
OUT
V
B
OUT
V
A
OUT
V
B
OUT
AGND
AGND
DAC2815
DAC2815
NOTE: Ideally R
= 0
GND
FIGURE 2. Recommended Ground Connections for Multiple DAC packages.
digital input code. This makes the resistance at V
REF constant
(it can be driven by either a voltage or current reference).
The reference can be either positive or negative polarity with
a range of up to
±10V.
CMOS switches included in series with the ladder terminat-
ing resistor and the feedback resistor, R
FB
, compensate for
the temperature drift of the ladder switch ON resistance.
The output op amps are connected as transimpedance ampli-
fiers to convert the DAC-cell output current into an output
voltage. They have been specially designed and compen-
sated for precision and fast settling in this application.
POWER SUPPLY CONNECTIONS
The DAC2815 is specified for operation with power sup-
plies of V
L
= +5V and V
S
= either
±12V or ±15V. Even with
the V
S supplies at ±11.4V the DACs can swing a full ±10V.
Power supply decoupling capacitors (1
µF tantalum) should
be located close to the DAC power supply connections.
Separate digital and analog ground pins are provided to
permit separate current returns. They should be connected
together at one point. Proper layout of the two current
returns will prevent digital logic switching currents from
degrading the analog output signal. The analog ground
current is code dependent so the impedance to the system
reference ground must be kept to a minimum. Connect
DACs as shown in Figure 2 or use a ground plane to keep
ground impedance less than 0.1
Ω for less than 0.1LSB error.
–10V REFERENCE
An internal inverting amplifier (Gain = –1.0V/V) is
provided to invert the +10V reference. Connect +V
REF Out to
Inv In for a –10V reference at Inv Out.
OUTPUT RANGE CONNECTIONS
±10V Output Range
For a
±10V bipolar outputs connect the DAC2815 as shown
in Figure 3. Connect the MODE to logic high (+5V) for reset
to bipolar zero. With MODE connected low (GND) reset
will be to –Full-Scale.
0 To +10V Output Range
For 0 to +10V unipolar outputs connect the DAC2815 as
shown in Figure 4. Connect the MODE to logic low (GND)
for reset to unipolar zero.
0 To –10V Output Range
For 0 to –10V unipolar outputs connect the DAC2815 as
shown in Figure 5. Connect the MODE to logic low (GND)
for reset to unipolar zero.
CONNECTION TO DIGITAL BUS
DAC2815s can easily be connected to a
µprocessor bus.
Decode your address lines to derive the control signals
shown in Figure 6. Only one LATCH signal is required for
a system where all DAC2815s are updated simultaneously.
If you want to update DAC2815s independently, use sepa-
rate LATCH signals. The LATCH and WRITE signals can
be brought low simultaneously to update the DAC registers
with the same processor instruction that writes the final 8-bit
data word the DAC input registers.


Numéro de pièce similaire - DAC2815AP

FabricantNo de pièceFiches techniqueDescription
logo
M.S. Kennedy Corporatio...
DAC2815D MSK-DAC2815D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2815DH MSK-DAC2815DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
DAC2815S MSK-DAC2815S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2815SE MSK-DAC2815SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Description similaire - DAC2815AP

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com