Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC2814 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC2814
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2814 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  DAC2814 Datasheet HTML 1Page - Burr-Brown (TI) DAC2814 Datasheet HTML 2Page - Burr-Brown (TI) DAC2814 Datasheet HTML 3Page - Burr-Brown (TI) DAC2814 Datasheet HTML 4Page - Burr-Brown (TI) DAC2814 Datasheet HTML 5Page - Burr-Brown (TI) DAC2814 Datasheet HTML 6Page - Burr-Brown (TI) DAC2814 Datasheet HTML 7Page - Burr-Brown (TI) DAC2814 Datasheet HTML 8Page - Burr-Brown (TI) DAC2814 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
DAC2814
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VS = ±12V or ±15V, VL = +5V unless otherwise noted.
FULL-SCALE OUTPUT SWING
BIPOLAR (20V Step)
Time (2µs/div)
CROSSTALK (Bipolar Mode)
Time (500ns/div)
FULL-SCALE OUTPUT SWING
UNIPOLAR (10V Step)
Time (2µs/div)
V
OUT
LATCH
V
OUT B
V
OUT A
LATCH A
NOTE: Crosstalk is dominated by digital crosstalk/
feedthrough of the LATCH signal.
0V
0V
+5V
0V
V
OUT
+5V
0V
0V
CHANGE OF GAIN, BIPOLAR OFFSET AND ZERO ERROR
vs TEMPERATURE
+1.5
+1.0
+0.5
0
–0.5
–1.0
–1.5
–40
–20
0
20
40
60
80
Temperature (°C)
+0.015
+0.01
+0.005
0
–0.005
–0.01
–0.015
Bipolar Offset
Gain Error
Bipolar Zero
POWER SUPPLY CURRENT vs TEMPERATURE
11.8
11.6
11.4
11.2
11
10.8
10.6
10.4
–40
–20
0
20
40
60
80
Temperature (°C)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
+I
L (All Logic Inputs = 2V)
I
S
+I
L (All Logic Inputs = 0V or VL)
OUTPUT VOLTAGE SWING vs RESISTOR LOAD
Load Resistance ( )
25
20
15
10
5
0
10
100
1k
10k
V
S = ±15V
V
L = 5V
10V REF


Numéro de pièce similaire - DAC2814

FabricantNo de pièceFiches techniqueDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
DAC2812S MSK-DAC2812S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2812SE MSK-DAC2812SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Description similaire - DAC2814

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com