Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFE1203 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce AFE1203
Description  2Mbps, Single Pair HDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1203 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  AFE1203 Datasheet HTML 1Page - Burr-Brown (TI) AFE1203 Datasheet HTML 2Page - Burr-Brown (TI) AFE1203 Datasheet HTML 3Page - Burr-Brown (TI) AFE1203 Datasheet HTML 4Page - Burr-Brown (TI) AFE1203 Datasheet HTML 5Page - Burr-Brown (TI) AFE1203 Datasheet HTML 6Page - Burr-Brown (TI) AFE1203 Datasheet HTML 7Page - Burr-Brown (TI) AFE1203 Datasheet HTML 8Page - Burr-Brown (TI) AFE1203 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
©1998 Burr-Brown Corporation
PDS-1460A
Printed in U.S.A. October, 1998
2Mbps, Single Pair HDSL ANALOG FRONT END
FEATURES
q E1/T1 SINGLE PAIR 2B1Q OPERATION
q COMPLETE ANALOG INTERFACE
q 385mW POWER DISSIPATION
q PROGRAMMABLE POWER
AFE1203
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DESCRIPTION
Burr-Brown’s Analog Front End greatly reduces the size and
cost of a single pair HDSL (High bit rate Digital Subscriber
Line) system by providing all of the active analog circuitry
needed to connect an HDSL digital signal processor to an
external compromise hybrid and an HDSL line transformer.
The transmit and receive filter responses automatically change
with clock frequency, allowing the AFE1203 to operate over a
wide range of data rates. The power dissipation of the device
can be reduced under digital control for operation at lower
speeds. The AFE1203 will operate at bit rates from 160kbps to
2.3Mbps. It meets ETSI PSD specifications for single pair E1,
as well as ETSI and ANSI PSD specifications for two pair E1
and T1.
Functionally, this unit consists of a transmit and a receive
section. The transmit section generates, filters, and buffers
outgoing 2B1Q data. The receive section filters and digitizes
the symbol data received on the telephone line. This IC operates
q 48-LEAD SSOP PACKAGE
q SCALEABLE DATA RATE
q OPERATION FROM 2.3Mbps TO 160kbps
q +5V ONLY (5V OR 3.3V DIGITAL)
q –40
°C TO +85°C OPERATION
on a single 5V supply. The digital circuitry in the unit can be
connected to a supply from 3.3V to 5V. The chip uses only
385mW for full-speed operation. It is housed in a small 48-lead
SSOP package.
The receive channel is designed around a fourth-order delta-
sigma analog-to-digital converter. It includes a difference am-
plifier designed to be used with an external compromise hybrid
for first-order analog echo cancellation. A programmable gain
amplifier with gains 0dB to +9dB is also included. The delta-
sigma modulator, operating at a 24X oversampling ratio, pro-
duces a 14-bit output at symbol rates up to 1168kHz (for
2.3Mbps operation).
The transmit channel consists of a digital-to-analog converter and
switched-capacitor pulse forming network followed by a differ-
ential line driver. The pulse forming network receives symbol
data and generates a standard 2B1Q output waveform. The
differential line driver uses a composite output stage combining
class B operation (for high efficiency driving large signals) with
class AB operation (to minimize crossover distortion).
Pulse
Former
PLLOUT
PLLIN
txDAT
txCLK
rxSYNC
rxLOOP
rxGAIN
rxD13 - rxD0
Line
Driver
Voltage
Reference
Delta-Sigma
Modulator
Transmit
Control
Receive
Control
Decimation
Filter
14
2
txLINEN
txLINEP
REFP
VCM
REFN
rxLINEP
rxLINEN
rxHYBP
rxHYBN
Patents Pending
D/A
Converter
AFE1203


Numéro de pièce similaire - AFE1203

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AFE1203 TI-AFE1203 Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E/1K TI1-AFE1203E/1K Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E1K TI-AFE1203E1K Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
More results

Description similaire - AFE1203

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
logo
Texas Instruments
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
AD5011 AD-AD5011 Datasheet
93Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV PrA
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com