Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFE1203 Fiches technique(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce AFE1203
Description  2Mbps, Single Pair HDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1203 Fiches technique(HTML) 2 Page - Burr-Brown (TI)

  AFE1203 Datasheet HTML 1Page - Burr-Brown (TI) AFE1203 Datasheet HTML 2Page - Burr-Brown (TI) AFE1203 Datasheet HTML 3Page - Burr-Brown (TI) AFE1203 Datasheet HTML 4Page - Burr-Brown (TI) AFE1203 Datasheet HTML 5Page - Burr-Brown (TI) AFE1203 Datasheet HTML 6Page - Burr-Brown (TI) AFE1203 Datasheet HTML 7Page - Burr-Brown (TI) AFE1203 Datasheet HTML 8Page - Burr-Brown (TI) AFE1203 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
®
AFE1203
SPECIFICATIONS
Typical at 25
°C, AV
DD = +5V, DVDD = +3.3V, ftx = 1168kHz (E1 single pair rate) and Normal Power mode, unless otherwise specified.
AFE1203E
PARAMETER
COMMENTS
MIN
TYP
MAX
UNITS
RECEIVE CHANNEL
Number of Inputs
Differential
2
Input Voltage Range
Balanced Differential(1)
±3.0
V
Common-Mode Voltage
1.5V CMV Recommended
+1.5
V
Input Impedance
All Inputs
See Typical Performance Curves
Input Capacitance
10
pF
Input Gain Matching
Line Input vs Hybrid Input
±2%
Resolution
14
Bits
Programmable Gain
Four Gains: 0dB, 3.25dB, 6dB, and 9dB
Settling Time
Gain, rxSYNC, or Power Mode Change(8)
6
Symbol
Periods
Gain + Offset Error
Tested at Each Gain Range
5
%FSR(2)
Output Data Coding
Binary Two’s Complement
Data Rate
Normal Power
384
2320
kbps
Medium Power
192
1168
kbps
Low Power
160
320
kbps
Output Word Rate
Normal Power, rxSYNC(3)
196
1168
kHz
TRANSMIT CHANNEL
Transmit Clock Rate, fTX
Symbol Rate, Normal Power
196
1168
kHz
Symbol Rate, Medium Power
96
584
kHz
Symbol Rate, Low Power
80
160
kHz
Transmit –3dB Point
2320kbps
485
kHz
1168kbps
292
kHz
784kbps
196
kHz
Transmit Power(4)
13
13.5
14
dBm
Pulse Output
See Typical Performance Curves
Common-Mode Voltage, VCM
AVDD/2
V
Output Resistance(5)
DC to 1MHz
1
TRANSCEIVER PERFORMANCE
Uncancelled Echo(6)
rxGAIN = 0dB, Loopback Enabled
–67
dB
rxGAIN = 0dB, Loopback Disabled
–67
dB
rxGAIN = 3.25dB, Loopback Disabled
–69
dB
rxGAIN = 6dB, Loopback Disabled
–71
dB
rxGAIN = 9dB, Loopback Disabled
–73
dB
DIGITAL INTERFACE(5)
Logic Levels
VIH
|IIH| < 10µADVDD – 1
DVDD + 0.3
V
VIL
|IIL| < 10µA
–0.3
+0.8
V
VOH
IOH = –20µADVDD – 0.5
V
VOL
IOL = 20µA
+0.4
V
POWER
Analog Power Supply Voltage
Specification
5
V
Operating Range
4.75
5.25
V
Digital Power Supply Voltage
Specification
3.3
V
Operating Range
3.15
5.25
V
Power Dissipation(4, 7)
Normal Power
385
mW
Medium Power
300
mW
Low Power
240
mW
Power Dissipation(7)
Normal Power, DVDD = 5V
415
mW
PSRR
55
dB
TEMPERATURE RANGE
Operating(5)
–40
+85
°C
NOTES: (1) With a balanced differential signal, the positive input is 180
° out of phase with the negative input, therefore the actual voltage swing about the common
mode voltage on each pin is
±1.5V to achieve a differential input range of ±3.0V or 6Vp-p. (2) FSR is Full-Scale Range. (3) The output data is available at twice the
symbol rate with interpolated values. (4) With a pseudo-random equiprobable sequence of HDSL pulses; 13.5dBm applied to the transformer (27dBm output from
txLINEP and txLINEN). (5) Guaranteed by design and characterization. (6) Uncancelled Echo is a measure of the total analog errors in the transmitter and receiver
sections including the effect of non-linearity and noise. See the Discussion of Specifications section of this data sheet for more information. (7) Power dissipation
includes only the power dissipated within the component and does not include power dissipated in the external loads. The AFE1203 is tested with a 1:2 line
transformer. (8) This is the settling time required for any gain change, change of rxSYNC or any change of power mode.


Numéro de pièce similaire - AFE1203

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AFE1203 TI-AFE1203 Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E/1K TI1-AFE1203E/1K Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E1K TI-AFE1203E1K Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
More results

Description similaire - AFE1203

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
logo
Texas Instruments
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
AD5011 AD-AD5011 Datasheet
93Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV PrA
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com