Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4469MOE713 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC4469MOE713
Description  Logic-Input CMOS Quad Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4469MOE713 Fiches technique(HTML) 5 Page - Microchip Technology

  TC4469MOE713 Datasheet HTML 1Page - Microchip Technology TC4469MOE713 Datasheet HTML 2Page - Microchip Technology TC4469MOE713 Datasheet HTML 3Page - Microchip Technology TC4469MOE713 Datasheet HTML 4Page - Microchip Technology TC4469MOE713 Datasheet HTML 5Page - Microchip Technology TC4469MOE713 Datasheet HTML 6Page - Microchip Technology TC4469MOE713 Datasheet HTML 7Page - Microchip Technology TC4469MOE713 Datasheet HTML 8Page - Microchip Technology TC4469MOE713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 5
TC4467/TC4468/TC4469
2.0
TYPICAL PERFORMANCE CURVES
Note:
TA = +25°C, with 4.5 V ≤ VDD ≤ 18 V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise/Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay Time vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
140
120
100
80
60
40
20
0
3
5
7
9
11
13
15
17
19
2200 pF
0 p
p
1600 pF
1000 pF
470 pF
100 pF
VSUPPLY (V)
140
120
100
80
60
40
20
0
100
1000
10,000
10 V
15 V
V
V
V
5 V
CLOAD (pF)
0
-50
5
10
15
20
25
-25
0
25
50
75
100
125
tFALL
tRISE
VSUPPLY = 17.5 V
CLOAD = 470 pF
TEMPERATURE (
°C)
140
120
100
80
60
40
20
0
3
5
7
9
11
13
15
17
19
p
100 pF
470 pF
1000 pF
1500 pF
2200 pF
VSUPPLY (V)
140
120
100
80
60
40
20
0
100
0
0
1000
10,000
V
V
V
5 V
10 V
15 V
CLOAD (pF)
0
4
20
40
60
80
8
12
14
16
18
6
10
VSUPPLY (V)
ttD1
tD2
C
CLOAD 470 pF
= 4


Numéro de pièce similaire - TC4469MOE713

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC4469MJD TELCOM-TC4469MJD Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
More results

Description similaire - TC4469MOE713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
logo
Microchip Technology
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com