Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847UF Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce BC847UF
Description  General purpose application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BC847UF Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  BC847UF Datasheet HTML 1Page - KODENSHI_AUK CORP. BC847UF Datasheet HTML 2Page - KODENSHI_AUK CORP. BC847UF Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-3041-001
1
BC847UF
NPN Silicon Transistor
f
Descriptions
• General purpose application
• Switching application
Features
• High voltage : VCEO=45V
• Complementary pair with BC857UF
Ordering Information
Type NO.
Marking
Package Code
BC847UF
CS
SOT-323F
: hFE rank
Outline Dimensions
unit : mm
PIN Connections
1. Base
2. Emitter
3. Collector
S
Seem
miiccoon
nd
du
uccttoorr
1.95~2.25
1.20~1.40
3
1
2


Numéro de pièce similaire - BC847UF

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
More results

Description similaire - BC847UF

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
   General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
   General purpose application
logo
New Jersey Semi-Conduct...
2SB512 NJSEMI-2SB512 Datasheet
132Kb / 1P
   GENERAL PURPOSE APPLICATION
logo
KODENSHI_AUK CORP.
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com