Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC808F Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce BC808F
Description  High current application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BC808F Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  BC808F Datasheet HTML 1Page - KODENSHI_AUK CORP. BC808F Datasheet HTML 2Page - KODENSHI_AUK CORP. BC808F Datasheet HTML 3Page - KODENSHI_AUK CORP. BC808F Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C084-000
1
BC808F
PNP Silicon Transistor
PIN Connection
SOT-23F
Descriptions
• High current application
• Switching application
Features
• Suitable for AF-Driver stage and
low power output stages
• Complementary pair with BC818F
Ordering Information
Type NO.
Marking
Package Code
BC808F
MA □ □
② ③
SOT-23F
Device Code ②hFE Rank ③Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-30
V
Collector-Emitter voltage
VCEO
-25
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-800
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-25
-
-
V
Base-Emitter Turn On voltage
VBE(ON)
VCE=-1V, IC=-300mA
-
-
-1.2
V
Collector-Emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-700
mV
Collector cut-off current
ICBO
VCB=-25V, IE=0
-
-
-100
nA
DC current gain
hFE
*
VCE=-1V, IC=-100mA
100
-
630
-
Transition frequency
fT
VCB=-5V, IE=10mA,
f=100MHz
-
100
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
16
-
pF
* : hFE rank / 16(A) : 100 ~ 250, 25(B) : 160 ~ 400, 40(C) : 250 ~ 630
1
2
3


Numéro de pièce similaire - BC808F

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
BC808F AUK-BC808F Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
logo
KODENSHI_AUK CORP.
BC808F KODENSHI-BC808F Datasheet
274Kb / 4P
   High current application
More results

Description similaire - BC808F

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
BC808 KODENSHI-BC808 Datasheet
265Kb / 4P
   High current application
SBC338 KODENSHI-SBC338 Datasheet
197Kb / 4P
   High current application
BC807 KODENSHI-BC807 Datasheet
265Kb / 4P
   High current application
BC807F KODENSHI-BC807F Datasheet
274Kb / 4P
   High current application
BC808F KODENSHI-BC808F Datasheet
274Kb / 4P
   High current application
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
BC818 KODENSHI-BC818 Datasheet
260Kb / 4P
   High current application
BC818F KODENSHI-BC818F Datasheet
272Kb / 4P
   High current application
BC817F KODENSHI-BC817F Datasheet
239Kb / 4P
   High current application
SBC328 KODENSHI-SBC328 Datasheet
90Kb / 3P
   High current application
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com