Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MJE15028 Fiches technique(PDF) 1 Page - Boca Semiconductor Corporation

No de pièce MJE15028
Description  HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOCA [Boca Semiconductor Corporation]
Site Internet  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

MJE15028 Fiches technique(HTML) 1 Page - Boca Semiconductor Corporation

  MJE15028 Datasheet HTML 1Page - Boca Semiconductor Corporation MJE15028 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
MJE15028, 15030
NPN PLASTIC POWER TRANSISTORS
MJE15029, 15031
PNP PLASTIC POWER TRANSISTORS
High frequency Drivers in Audio Amplifiers
ABSOLUTE MAXIMUM RATINGS
15028
15030
15029
15031
Collector-base voltage (open emitter)
VCBO
max. 120
150 V
Collector-emitter voltage (open base)
VCEO
max. 120
150 V
Collector current
IC
max.
8.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
50
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 1A; IB = 0.1A
VCEsat
max.
0.5
V
D.C. current gain
IC = 0.1 A; VCE = 2 V
hFE
min.
40
RATINGS (at TA=25°C unless otherwise specified)
15028
15030
15029
15031
Limiting values
Collector-base voltage (open emitter)
VCBO
max. 120
150 V
Collector-emitter voltage (open base)
VCEO
max. 120
150 V
MJE15028, MJE15030
MJE15029, MJE15031
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
M IN .
M A X.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
OD E G 7
1
2
3
4
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
TO-220 Plastic Package
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn