Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MJE15028 Fiches technique(PDF) 2 Page - Boca Semiconductor Corporation

No de pièce MJE15028
Description  HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOCA [Boca Semiconductor Corporation]
Site Internet  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

MJE15028 Fiches technique(HTML) 2 Page - Boca Semiconductor Corporation

  MJE15028 Datasheet HTML 1Page - Boca Semiconductor Corporation MJE15028 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Emitter base voltage (open collector)
VEBO
max.
5.0
V
Collector current
IC
max.
8.0
A
Collector current (Peak value)
IC
max.
16
A
Base current
IB
max.
2.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
50
W
Derate above 25°C
max.
0.4
W/°C
Total power dissipation up to TA = 25°C
Ptot
max.
2.0
W
Derate above 25°C
max.
0.016
W/°C
Junction temperature
Tj
max.
150
ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
=
2.5
°C/W
From junction to ambient
Rth j–a
=
62.5
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
15028
15030
15029
15031
Collector cutoff current
IB = 0; VCE = 120V
ICEO
max. 0.1
– mA
IB = 0; VCE = 150V
ICEO
max.
0.1 mA
IE = 0; VCB = 120V
ICBO
max. 10
– µA
IE = 0; VCB = 150V
ICBO
max.
10 µA
Emitter cut-off current
IC = 0; VEB = 5V
IEBO
max.
10
µA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO(sus)* min. 120
150 V
IC = 1 mA; IE = 0
VCBO
min. 120
150 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 1 A; IB = 0.1 A
VCEsat*
max.
0.5
V
Base emitter on voltage
IC = 1A; VCE = 2V
VBE(on)*
max.
1.0
V
D.C. current gain
IC = 0.1 A; VCE = 2 V
hFE*
min.
40
IC = 2 A; VCE = 2 V
hFE*
min.
40
IC = 3 A; VCE = 2 V
hFE*
min.
40
IC = 4 A; VCE = 2 V
hFE*
min.
20
Transition frequency f = 10 MHz
IC = 500 mA; VCE = 10 V
fT(1)
min.
30
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
(1) fT = |hfe|• ftest
MJE15028, MJE15030
MJE15029, MJE15031
http://www.bocasemi.com


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn