Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA79L18A Fiches technique(PDF) 5 Page - Boca Semiconductor Corporation

No de pièce KA79L18A
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOCA [Boca Semiconductor Corporation]
Site Internet  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

KA79L18A Fiches technique(HTML) 5 Page - Boca Semiconductor Corporation

  KA79L18A Datasheet HTML 1Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 2Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 3Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 4Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 5Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 6Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 7Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 8Page - Boca Semiconductor Corporation KA79L18A Datasheet HTML 9Page - Boca Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KA79LXXA
5
Electrical Characteristics(KA79L15A)
(VI = -23V, IO = 40mA, CI = 0.33
µF, CO = 0.1µF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-14.4
-15.0
-15.6
V
Line Regulation (Note1)
∆VO
TJ = +25
°C
-17.5V
≥ VI ≥ -30V
-
-
300
mV
-20V
≥ VI ≥ -30V
-
-
250
mV
Load Regulation (Note1)
∆VO
TJ = +25
°C
1.0mA
≤ IO ≤ 100mA
-
-
150
mV
1.0mA
≤ IO ≤ 40mA
-
-
75
mV
Output Voltage
VO
-17.5V
≥ VI ≥ -30V, 1.0mA ≤ IO ≤ 40mA
-14.25
-
-15.75
V
VI = -23V, 1.0mA
≤ IO ≤ 70mA
-14.25
-
-15.75
V
Quiescent Current
IQ
TJ = +25
°C-
-
6.0
mA
TJ = +125
°C-
-
6.5
Quiescent Current
Change
with line
∆IQ
-20V
≥ VI ≥ -30V
-
-
1.5
mA
with load
∆IQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = +25
°C,10Hz ≤ f ≤ 100KHz
-
90
-
µV
Ripple Rejection
RR
f = 120Hz, -18.5V
≥ VI ≥ -28.5V
TJ = +25
°C
34
39
-
dB
Dropout Voltage
VD
TJ = +25
°C-
1.7
-
V


Numéro de pièce similaire - KA79L18A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA79L18AZ FAIRCHILD-KA79L18AZ Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
KA79L18AZ FAIRCHILD-KA79L18AZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Description similaire - KA79L18A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com