Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN54LS122 Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce SN54LS122
Description  RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS122 Fiches technique(HTML) 5 Page - Motorola, Inc

  SN54LS122 Datasheet HTML 1Page - Motorola, Inc SN54LS122 Datasheet HTML 2Page - Motorola, Inc SN54LS122 Datasheet HTML 3Page - Motorola, Inc SN54LS122 Datasheet HTML 4Page - Motorola, Inc SN54LS122 Datasheet HTML 5Page - Motorola, Inc SN54LS122 Datasheet HTML 6Page - Motorola, Inc SN54LS122 Datasheet HTML 7Page - Motorola, Inc SN54LS122 Datasheet HTML 8Page - Motorola, Inc SN54LS122 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5-201
FAST AND LS TTL DATA
SN54/74LS122
• SN54/74LS123
Figure 1
Figure 2
Figure 3
Figure 4
VCC
VRC
VCC
Cext
0.1 µF
Pout
Cext Rext/
Cext
VCC
Q
CLR
B
VCC
VCC
VRC
Rext
Cext
0.1 µF
Pout
51 Ω
Cext
Rext/
Cext
VCC
Q
CLR
B2
B1
A2
A1
GND
Q
1/2 LS123
LS122
Rext
Q
GND
A
51 Ω
Pin
Pin
Pin
Pout
tW
RETRIGGER
5K ≤ Rext ≤ 260K
10
1
0.1
0.01
0.001
0.3
0.35 0.4
0.45 0.5
0.55
K


Numéro de pièce similaire - SN54LS122

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LS122 TI-SN54LS122 Datasheet
460Kb / 12P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS122 TI1-SN54LS122 Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS122 TI1-SN54LS122 Datasheet
1Mb / 26P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS122FK TI-SN54LS122FK Datasheet
460Kb / 12P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS122J TI-SN54LS122J Datasheet
460Kb / 12P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Description similaire - SN54LS122

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_18 Datasheet
1Mb / 26P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI-SN54122 Datasheet
460Kb / 12P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74123NE4 TI1-SN74123NE4 Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_15 Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com