Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA0508JRNPO8BB473 Datasheet(Fiches technique) 3 Page - YAGEO Corporation

Numéro de pièce CA0508JRNPO8BB473
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508JRNPO8BB473 Datasheet(HTML) 3 Page - YAGEO Corporation

  CA0508JRNPO8BB473 Datenblatt HTML 1Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 2Page - YAGEO Corporation CA0508JRNPO8BB473 Datasheet HTML 3Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 4Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 5Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 6Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 7Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 8Page - YAGEO Corporation CA0508JRNPO8BB473 Datenblatt HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
3
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
2 2 X X
X X
X
X
X
X
X X
Carrier type
55 = Paper/PE
Voltage
10 = 16 V
12 = 25 V
14 = 50 V
Size
7 = 0508 (4 x 0402)
6 = 0612 (4 x 0603)
Capacitance value(1)
Tolerance
5 =
±5%
6 =
±10%
7 =
±20%
8 = -20% to +80%
Packaging(2)
1 = reel:
∅180 mm; 7"
Temperature characteristic
1 = NP0
5 = X7R
9 = Y5V
YNM0030
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
PHYCOMP CTC CODE (FOR NORTH AMERICA)
Example: 0508CG220K9B200
0508
CG
220
K
9
B
2
0
0
Size code
Temp.
Char.
Capacitance
in pF
Tolerance
Voltage Termination
Packing
Marking
Range identifier
0508
(4 x 0402)
0612
(4 x 0603)
CG = NP0
2R = X7R
2F = Y5V
101 = 100 pF;
the third digit
signifies the
multiplying factor:
0 = × 1
1 = × 10
2 = × 100
3 = × 1,000
J = ±5%
K = ±10%
M = ±20%
Z = -20% to +80%
7 = 16 V
8 = 25 V
9 = 50 V
B = NiSn
2 = 180 mm
7” Paper/PE
0 = no marking 0 = conv. Ceramic
D = Class 2 MLCC
(1) Refer to “Conversion table of capacitance & last 2-digit of 12NC”
(2) Quantity on reel depends on thickness classification; see table 5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn