Moteur de recherche de fiches techniques de composants électroniques |
|
CA0508MZRX7R8BN473 Fiches technique(PDF) 5 Page - YAGEO Corporation |
|
CA0508MZRX7R8BN473 Fiches technique(HTML) 5 Page - YAGEO Corporation |
5 / 17 page www.yageo.com Feb 05, 2010 V.1 Surface-Mount Ceramic Multilayer Capacitors 5 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY Table 2 Temperature characteristic material from NP0 CAPACITANCE 0508 (4 x 0402) 0612 (4 x 0603) Last 2-digit of 12NC 50 V 50 V 10 pF 23 15 pF 25 18 pF 26 22 pF 27 33 pF 29 39 pF 31 47 pF 32 56 pF 33 68 pF 34 82 pF 35 100 pF 36 120 pF 37 150 pF 38 180 pF 39 220 pF 41 0.6±0.1 270 pF 42 330 pF 43 390 pF 44 470 pF 45 0.8±0.1 560 pF 46 680 pF 47 820 pF 48 1.0 nF 49 NOTE Values in shaded cells indicate thickness class in mm |
Numéro de pièce similaire - CA0508MZRX7R8BN473 |
|
Description similaire - CA0508MZRX7R8BN473 |