Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC556A Fiches technique(PDF) 1 Page - Boca Semiconductor Corporation

No de pièce BC556A
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOCA [Boca Semiconductor Corporation]
Site Internet  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

BC556A Fiches technique(HTML) 1 Page - Boca Semiconductor Corporation

  BC556A Datasheet HTML 1Page - Boca Semiconductor Corporation BC556A Datasheet HTML 2Page - Boca Semiconductor Corporation BC556A Datasheet HTML 3Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC 556, A, B
BC 557, 8, A, B, C
TO-92
EBC
APPLICATION
PNP General Purpose Transistors, Especially Suited For Use in Driver Stages of Audio
Amplifier, Low Noise Input Stages of Tape Recorders, HI-FI Amplifiers, Signal Processing
Circuits of Television Receivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25 deg C unless otherwise specified)
DESCRIPTION
SYMBOL
BC556
BC557
BC558
UNITS
Collector -Emitter Voltage
VCEO
65
45
30
V
Collector -Emitter Voltage
VCES
80
50
30
V
Collector -Base Voltage
VCBO
80
50
30
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
100
mA
Peak
ICM
200
mA
Base Current -Peak
IBM
200
mA
Emitter Current- Peak
IEM
200
mA
Power Dissipation@ Ta=25 degC
PTA
500
mW
Derate Above 25 deg C
4.0
mW/deg C
Storage Temperature
Tstg
-65 to +150
deg C
Junction Temperature
Tj
150
deg C
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
250
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
BC556
BC557
BC558
UNITS
Collector -Emitter Voltage
VCEO
IC=2mA,IB=0
>65
>45
>30
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
>80
>50
>30
V
Emitter-Base Voltage
VEBO
IE=100uA, IC=0 ALL
V
Collector-Cut off Current
ICBO
VCB=30V, IE=0 ALL
nA
Tj=150 deg C
VCB=30V, IE=0 ALL
uA
ICES
VCE=80V, VBE=0
<15
-
-
nA
VCE=50V, VBE=0
-
<15
-
nA
VCE=30V, VBE=0
-
-
<15
nA
TJ=125 deg C
Collector-Cut off Current
ICES
VCE=80V, VBE=0
<4.0
-
-
uA
VCE=50V, VBE=0
-
uA
VCE=30V, VBE=0
-
-
<4.0
uA
>5.0
<15
<5.0
<4.0
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 4
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com


Numéro de pièce similaire - BC556A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC556A PHILIPS-BC556A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
logo
Siemens Semiconductor G...
BC556A SIEMENS-BC556A Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
Diotec Semiconductor
BC556A DIOTEC-BC556A Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC556A WEITRON-BC556A Datasheet
2Mb / 5P
   PNP General Purpose Transistor
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
More results

Description similaire - BC556A

FabricantNo de pièceFiches techniqueDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com