Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2965DTR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2965DTR
Description  Precision Reference with Low Offset Error Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2965DTR Fiches technique(HTML) 1 Page - Texas Instruments

  UC2965DTR Datasheet HTML 1Page - Texas Instruments UC2965DTR Datasheet HTML 2Page - Texas Instruments UC2965DTR Datasheet HTML 3Page - Texas Instruments UC2965DTR Datasheet HTML 4Page - Texas Instruments UC2965DTR Datasheet HTML 5Page - Texas Instruments UC2965DTR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UC1965
UC2965
UC3965
SLUS300A - APRIL 1999
FEATURES
• Accessible 2.5V Precision Reference
• 0.4% Initial Reference Accuracy
• 1% Reference Accuracy over Line,
Load, and Full Temperature Range
• Low 1mV Offset Error Amplifier
• Supports Closed Loop Soft Start
• 2X Inverting Amplifier / Buffer Output
• 4.1V Undervoltage Lockout
• ICC 2mA at 5V
• 8-Pin SOIC or DIL Package
Precision Reference with Low Offset Error Amplifier
8COMP
GND
VOUT
7VFB
6VREF
5NI
1
2
3
4
VCC
OFFSET
EA
OB
UVLO
VREF
2.5V
VCC
15k
+
7.5k
5k
+
5k
2k
BLOCK DIAGRAM
UDG-98055
DESCRIPTION
The UC3965 is suitable for applications needing greater precision and
more functionality than the TL431 type shunt regulators. The wide range
VCC input capability enables the device to be biased from the secondary
side output voltage rail, resulting in closed loop soft start.
The UC3965 includes an accessible 2.5V precision reference which offers
0.4% initial and 1% reference accuracy over line, load, and full tempera-
ture range with a low offset error amplifier, a 2X inverting amplifier/buffer,
and an undervoltage lockout circuit. The IC is ideally suited for applica-
tions where high precision PWM power supply regulation is required.
Typically, the error amplifier is configured to compare a fraction of the to
be regulated power supply voltage to the on-chip 2.5V reference. The 2X
amplifier/buffer output is then used to drive a PWM controller or regulator.
The UC3965 is also capable of driving an optocoupler diode for isolated
applications.
application
INFO
available


Numéro de pièce similaire - UC2965DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2965 TI-UC2965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
More results

Description similaire - UC2965DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203_V01 Datasheet
396Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
01-Jan-2022
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
Rev. C, 16-May-11
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com