Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1835L883B Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC1835L883B
Description  High Efficiency Regulator Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC1835L883B Fiches technique(HTML) 4 Page - Texas Instruments

  UC1835L883B Datasheet HTML 1Page - Texas Instruments UC1835L883B Datasheet HTML 2Page - Texas Instruments UC1835L883B Datasheet HTML 3Page - Texas Instruments UC1835L883B Datasheet HTML 4Page - Texas Instruments UC1835L883B Datasheet HTML 5Page - Texas Instruments UC1835L883B Datasheet HTML 6Page - Texas Instruments UC1835L883B Datasheet HTML 7Page - Texas Instruments UC1835L883B Datasheet HTML 8Page - Texas Instruments UC1835L883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UC1835
UC1836
UC2835
UC2836
UC3835
UC3836
EQUATIONS:
R1 = 0.100 V/IOUT (MAX)
R2 = (VOUT - 2.5V/1mA)
R3 = ((VIN - VBE - VSAT)*BETA(min))/IOUT (max)
UC3835/36 TYPICAL APPLICATIONS
Low Current Application
using the UC3836 internal drive transistor
Typical Output Current vs VIN and VOUT
of the UC3836 internal drive transistor
for PDISS = 0.5W (approx.)
High Current Application
using drive transistor Q2 to increase Q1 base drive
and reduce UC3836 power dissipation
Parallel Pass Transistors
can be added for high current or
high power dissipation applications
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX 603-424-3460
APPLICATION AND OPERATION INFORMATION (cont.)
UC1835/6 Foldback Current Limiting
4


Numéro de pièce similaire - UC1835L883B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1835L883B TI1-UC1835L883B Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results

Description similaire - UC1835L883B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC1835 TI-UC1835 Datasheet
479Kb / 5P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836N TI1-UC3836N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835N TI1-UC2835N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com