Moteur de recherche de fiches techniques de composants électroniques |
|
SA150A Fiches technique(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd |
|
SA150A Fiches technique(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd |
3 / 7 page Transient Voltage Suppressors - SA Series Circuit Protection System Page:2 Specifications are subject to change without notice. Please refer to http://www.ruilon.com for current information. Electriacl Characteristics Type Number Reverse Stand- Off Voltage Breakdown Voltage@IT Test Current Maximum Clamping Voltage@IPP Peak Pulse Current Reverse Leakage @VRWM (UNI) (BI) VRWM(V) VBR MIN.(V) VBR.MAX.(V) IT(mA) VC(V) IPP(A) IR(µA) SA5.0A SA5.0CA 5.0 6.40 7.00 10 9.2 55.4 600 SA6.0A SA6.0CA 6.0 6.67 7.37 10 10.3 49.5 600 SA6.5A SA6.5CA 6.5 7.22 7.98 10 11.2 45.5 400 SA7.0A SA7.0CA 7.0 7.78 8.60 10 12.0 42.5 150 SA7.5A SA7.5CA 7.5 8.33 9.21 1 12.9 39.5 50 SA8.0A SA8.0CA 8.0 8.89 9.83 1 13.6 37.5 25 SA8.5A SA8.5CA 8.5 9.44 10.40 1 14.4 35.4 10 SA9.0A SA9.0CA 9.0 10.00 11.10 1 15.4 33.1 5 SA10A SA10CA 10.0 11.10 12.30 1 17.0 30.0 5 SA11A SA11CA 11.0 12.20 13.50 1 18.2 28.0 5 SA12A SA12CA 12.0 13.30 14.70 1 19.9 25.6 5 SA13A SA13CA 13.0 14.40 15.90 1 21.5 23.7 5 SA14A SA14CA 14.0 15.60 17.20 1 23.2 22.0 5 SA15A SA15CA 15.0 16.70 18.50 1 24.4 20.0 5 SA16A SA16CA 16.0 17.80 19.70 1 26.0 19.6 5 SA17A SA17CA 17.0 18.90 20.90 1 27.6 18.5 5 SA18A SA18CA 18.0 20.00 22.10 1 29.2 17.5 5 SA20A SA20CA 20.0 22.20 24.50 1 32.4 15.7 5 SA22A SA22CA 22.0 24.40 26.90 1 35.5 14.4 5 SA24A SA24CA 24.0 26.70 29.50 1 38.9 13.1 5 SA26A SA26CA 26.0 28.90 31.90 1 42.1 12.1 5 SA28A SA28CA 28.0 31.10 34.40 1 45.4 11.2 5 SA30A SA30CA 30.0 33.30 36.80 1 48.4 10.5 5 SA33A SA33CA 33.0 36.70 40.60 1 53.3 9.6 5 SA36A SA36CA 36.0 40.00 44.20 1 58.1 8.8 5 SA40A SA40CA 40.0 44.40 49.10 1 64.5 7.9 5 SA43A SA43CA 43.0 47.80 52.80 1 69.4 7.3 5 SA45A SA45CA 45.0 50.00 55.30 1 72.7 7.0 5 SA48A SA48CA 48.0 53.30 58.90 1 77.4 6.6 5 SA51A SA51CA 51.0 56.70 62.70 1 82.4 6.2 5 SA54A SA54CA 54.0 60.00 66.30 1 87.1 5.0 5 SA58A SA58CA 58.0 64.40 71.20 1 93.6 5.4 5 SA60A SA60CA 60.0 66.70 73.70 1 96.8 5.3 5 SA64A SA64CA 64.0 71.10 78.60 1 103.0 5.0 5 SA70A SA70CA 70.0 77.80 86.00 1 113.0 4.5 5 SA75A SA75CA 75.0 83.30 92.10 1 121.0 4.2 5 SA78A SA78CA 78.0 86.70 95.80 1 126.0 4.0 5 SA85A SA85CA 85.0 94.40 104.00 1 137.0 3.7 5 SA90A SA90CA 90.0 100.00 111.00 1 146.0 3.5 5 SA100A SA100CA 100.0 111.00 123.00 1 162.0 3.1 5 SA110A SA110CA 110.0 122.00 135.00 1 177.0 2.0 5 SA120A SA120CA 120.0 133.00 147.00 1 193.0 2.6 5 SA130A SA130CA 130.0 144.00 159.00 1 209.0 2.4 5 SA150A SA150CA 150.0 167.00 185.00 1 243.0 2.1 5 SA160A SA160CA 160.0 178.00 197.00 1 259.0 2.0 5 SA170A SA170CA 170.0 189.00 209.00 1 275.0 1.9 5 SA180A SA180CA 180.0 200.00 233.00 1 289.0 1.7 5 |
Numéro de pièce similaire - SA150A |
|
Description similaire - SA150A |