Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3584 Fiches technique(PDF) 3 Page - Boca Semiconductor Corporation

No de pièce 2N3584
Description  COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOCA [Boca Semiconductor Corporation]
Site Internet  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N3584 Fiches technique(HTML) 3 Page - Boca Semiconductor Corporation

  2N3584 Datasheet HTML 1Page - Boca Semiconductor Corporation 2N3584 Datasheet HTML 2Page - Boca Semiconductor Corporation 2N3584 Datasheet HTML 3Page - Boca Semiconductor Corporation 2N3584 Datasheet HTML 4Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
http://www.bocasemi.com


Numéro de pièce similaire - 2N3584

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N3584 MOSPEC-2N3584 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
Comset Semiconductor
2N3584 COMSET-2N3584 Datasheet
102Kb / 3P
   NPN SILICON POWER TRANSISTORS.
logo
Microsemi Corporation
2N3584 MICROSEMI-2N3584 Datasheet
64Kb / 3P
   5 Amp, 375V, High Voltage NPN Silicon Power Transistors
logo
Savantic, Inc.
2N3584 SAVANTIC-2N3584 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
Microsemi Corporation
2N3584 MICROSEMI-2N3584 Datasheet
65Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
More results

Description similaire - 2N3584

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE38 NTE-NTE38 Datasheet
29Kb / 3P
   Silicon Complementary Transistors High Voltage, Medium Power Switch
logo
Zetex Semiconductors
ZDT6757 ZETEX-ZDT6757 Datasheet
28Kb / 3P
   COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6753 ZETEX-ZDT6753 Datasheet
32Kb / 3P
   COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6718 ZETEX-ZDT6718 Datasheet
30Kb / 3P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT6790 ZETEX-ZDT6790 Datasheet
29Kb / 3P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Boca Semiconductor Corp...
2N6315 BOCA-2N6315 Datasheet
172Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Comset Semiconductor
MJ4030 COMSET-MJ4030_12 Datasheet
79Kb / 3P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
MJ4030 COMSET-MJ4030 Datasheet
220Kb / 4P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com