Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCE6.5A Fiches technique(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

No de pièce LCE6.5A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RUILON [Ruilongyuan Electronics Co.,Ltd]
Site Internet  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

LCE6.5A Fiches technique(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  LCE6.5A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd LCE6.5A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd LCE6.5A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd LCE6.5A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd LCE6.5A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd LCE6.5A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd LCE6.5A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - LCE Series
Ratings and Characteristic Curves
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0.1
1
10
100
1000
0.0000010.00001
0.00010.001
t
d-Pluse Width (Sec.)
0
25
50
75
100
02550751
T
L-Lead Temperature (ºC
Peak Power
(Single Pulse)
0
0
50
100
150
1.02.0
3.04.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
as the point where the peak
current decays to 5 0% of IPPM
10/1000µsec. Waveform
td
t-Time (ms)
Half Value
IPPM
( )
Application Note:
Device must be used
with two units in parrellel, opposite in polarity
as shown on circuit for AC signal lin
protection.
Low Capacitance
TVC
+
+
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0255075100 125150 175200
T
L-Lead Temperature (ºC)


Numéro de pièce similaire - LCE6.5A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
LCE6.5A EIC-LCE6.5A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE6.5A MERITEK-LCE6.5A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Socay Electornics Co., ...
LCE6.5A SOCAY-LCE6.5A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
More results

Description similaire - LCE6.5A

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com