Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040AIM3-2.0 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4040AIM3-2.0
Description  LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-2.0 Fiches technique(HTML) 1 Page - Texas Instruments

  LM4040AIM3-2.0 Datasheet HTML 1Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 2Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 3Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 4Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 5Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 6Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 7Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 8Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
LM4040-N, LM4040Q-N
www.ti.com
SNOS633H – OCTOBER 2000 – REVISED APRIL 2013
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
Check for Samples: LM4040-N, LM4040Q-N
1
FEATURES
DESCRIPTION
Ideal for space critical applications, the LM4040-N
2
2.5V/SOT-23 AEC Q-100 Grades 1 and 3
precision voltage reference is available in the sub-
available
miniature SC70 and SOT-23 surface-mount package.
Small Packages: SOT-23, TO-92 and SC70
The LM4040-N's advanced design eliminates the
No Output Capacitor Required
need for an external stabilizing capacitor while
ensuring stability with any capacitive load, thus
Tolerates Capacitive Loads
making the LM4040-N easy to use. Further reducing
Fixed Reverse Breakdown Voltages of 2.048V,
design effort is the availability of several fixed reverse
2.500V,3.000V, 4.096V, 5.000V, 8.192V, and
breakdown
voltages:
2.048V,
2.500V,
3.000V,
10.000V
4.096V, 5.000V, 8.192V, and 10.000V. The minimum
operating current increases from 60
μA for the 2.5-V
APPLICATIONS
LM4040-N to 100
μA for the 10.0-V LM4040-N. All
versions have a maximum operating current of
Portable, Battery-Powered Equipment
15 mA.
Data Acquisition Systems
The LM4040-N utilizes fuse and zener-zap reverse
Instrumentation
breakdown voltage trim during wafer sort to ensure
Process Control
that the prime parts have an accuracy of better than
±0.1%
(A
grade)
at
25°C.
Bandgap
reference
Energy Management
temperature
drift
curvature
correction
and
low
Product Testing
dynamic
impedance
ensure
stable
reverse
Automotive
breakdown voltage accuracy over a wide range of
operating temperatures and currents.
Precision Audio Components
Also available is the LM4041-N with two reverse
breakdown voltage versions: adjustable and 1.2V.
Please see the LM4041-N data sheet.
Key Specifications (2.5-V LM4040-N)
VALUE
UNIT
Output voltage tolerance (A grade, 25°C)
±0.1
% (max)
Low output noise (10 Hz to 10 kHz)
35
μVrms (typ)
Wide operating current range
60 to 15
μA to mA
Industrial temperature range
−40 to +85
°C
Extended temperature range
−40 to +125
°C
Low temperature coefficient
100
ppm/°C (max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM4040AIM3-2.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4040AIM3-2.0 NSC-LM4040AIM3-2.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 NSC-LM4040AIM3-2.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results

Description similaire - LM4040AIM3-2.0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com