Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST4000NM0033 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ST4000NM0033
Description  Capacity-Optimised Enterprise Hard Drive for Bulk-Data Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST4000NM0033 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ST4000NM0033 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST4000NM0033 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST4000NM0033 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
SATA 6Gb/s
4TB1,2
3TB1,2
2TB1
1TB1
Standard Model Number
ST4000NM0033
ST3000NM0033
ST2000NM0033
ST1000NM0033
SED Model Number
ST4000NM00533
ST3000NM00533
ST2000NM00533
ST1000NM00533
Features
Humdity Sensor
Yes
Yes
Yes
Yes
Super Parity
Yes
Yes
Yes
Yes
Low Halogen
Yes
Yes
Yes
Yes
PowerChoice™ Technology
Yes
Yes
Yes
Yes
Cache, Multi-segmented (MB)
128
128
128
128
Reliability/Data Integrity
Mean Time Between Failures (MTBF, hours)
1.4 million
1.4 million
1.4 million
1.4 million
Reliability Rating at Full 24x7 Operation (AFR)
0.63%
0.63%
0.63%
0.63%
Non-recoverable Read Errors per Bits Read
1 sector per 1015
1 sector per 1015
1 sector per 1015
1 sector per 1015
Power-On Hours per Year
8,760 (24×7)
8,760 (24×7)
8,760 (24×7)
8,760 (24×7)
Bytes per Sector
512 Native
512 Native
512 Native
512 Native
Limited Warranty (years)4
5
5
5
5
Performance
Spindle Speed (RPM)
7,200
7,200
7,200
7,200
Max. Sustained Transfer Rate OD (MB/s)
175
175
175
175
Average Latency (ms)
4.16
4.16
4.16
4.16
Interface Ports
Single
Single
Single
Single
Rotational Vibration @ 1,500 Hz(rad/s²)
12.5
12.5
12.5
12.5
Power Consumption
Idling Power (W)
6.73
6.73
5.17
4.45
Typical Operating, Random Read (W)
11.27
11.27
9.42
8.08
Power Supply Requirements
+12V and +5V
+12V and +5V
+12V and +5V
+12V and +5V
Environmental
Temperature, Operating (°C)
5 to 60
5 to 60
5 to 60
5 to 60
Vibration, Non-operating: <5 Hz to 500 Hz (Gs)
0.25
0.25
0.25
0.25
Shock, Operating, 2ms (Read/Write) (Gs)
70/40
70/40
70/40
70/40
Shock, Non-operating, 1ms and 2ms (Gs)
300
300
300
300
Physical
Height (in/mm, max)5
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
Width (in/mm, max)5
4.010/101.85
4.010/101.85
4.010/101.85
4.010/101.85
Depth (in/mm, max)5
5.878/147.0
5.878/147.0
5.878/147.0
5.878/147.0
Weight (lb/g)
1.543/700
1.444/655
1.400/635
1.334/605
Carton Unit Quantity
20
20
20
20
Cartons per Pallet
40
40
40
40
Cartons per Layer
8
8
8
8
6Gb/s SAS Specifications on Next Page
Constellation® ES.3
1
Onegigabyte,orGB,equalsonebillionbytes;andoneterabyte,equalsonetrillionbyteswhenreferringtodrivecapacity.
2
SeagaterecommendsvalidatingyourconfigurationwithyourHBA/RAIDcontrollermanufacturertoensurefullcapacitycapabilities.
3
Self-EncryptingDrives(SED)andFIPS140-2Validateddrivesarenotavailableinallmodelsorcountries;mayrequireTCG-complianthost
orcontrollersupport.
4
Capacity-optimisedproductsdeliveredbetween31December2011and30June2012haveathree-yearlimitedwarranty.Capacity-optimised
productsdeliveredbefore31December2011orafter30June2012haveafive-yearlimitedwarranty.
5
ThesebasedeckdimensionsconformtotheSmallFormFactorStandard(SFF-8201)foundatwww.sffcommittee.org.Forconnector-related
dimensions,seeSFF-8223.


Numéro de pièce similaire - ST4000NM0033

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
ST40002B LITTELFUSE-ST40002B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
More results

Description similaire - ST4000NM0033

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
MG04ACAXXXN TOSHIBA-MG04ACAXXXN Datasheet
171Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: January, 2018
MG07ACA TOSHIBA-MG07ACA Datasheet
194Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: December, 2018
MG03ACAXXX TOSHIBA-MG03ACAXXX Datasheet
593Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 00
MG08 TOSHIBA-MG08 Datasheet
251Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 01: September, 2019
MG04ACAXXX TOSHIBA-MG04ACAXXX Datasheet
598Kb / 2P
   ENTERPRISE CAPACITY HDD
Rev. 00
logo
Schneider Electric
CFS400A SCHNEIDER-CFS400A Datasheet
74Kb / 1P
   Large Capacity Coriolis flowmeter for bulk transfer and custody transfer applications
Apr 26, 2022
logo
List of Unclassifed Man...
TUD4010 ETC-TUD4010 Datasheet
576Kb / 3P
   The high performanceblade server for enterprise,data center and HPC applications
logo
American Electronic Com...
DG28 AEC-DG28 Datasheet
213Kb / 2P
   optimised for DC switching
logo
List of Unclassifed Man...
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Western Digital Corpora...
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
   WD Gold™ Enterprise-class Hard Drives
August 2017
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com