Moteur de recherche de fiches techniques de composants électroniques |
|
OP11 Fiches technique(PDF) 5 Page - Analog Devices |
|
OP11 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 12 page OP11 Rev. B | Page 5 of 12 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter Rating Supply Voltage (VS) ±22 V Differential Input Voltage ±30 V Input Voltage Supply Voltage Output Short-Circuit Duration Continuous (One Amp Only) Storage Temperature Range −65°C to +125°C Lead Temperature (Soldering, 60 sec) 300°C Operating Temperature Range 0°C to 70°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 6. Thermal Resistance Package Type θJA1 θJC Unit 14-Lead PDIP (N-14) 83 39 °C/W 1 θJA is specified for worst-case conditions, that is, θJA is specified for device in socket for PDIP. ESD CAUTION |
Numéro de pièce similaire - OP11 |
|
Description similaire - OP11 |