Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6004L5 Fiches technique(PDF) 2 Page - Littelfuse

No de pièce L6004L5
Description  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004L5 Fiches technique(HTML) 2 Page - Littelfuse

  L6004L5 Datasheet HTML 1Page - Littelfuse L6004L5 Datasheet HTML 2Page - Littelfuse L6004L5 Datasheet HTML 3Page - Littelfuse L6004L5 Datasheet HTML 4Page - Littelfuse L6004L5 Datasheet HTML 5Page - Littelfuse L6004L5 Datasheet HTML 6Page - Littelfuse L6004L5 Datasheet HTML 7Page - Littelfuse L6004L5 Datasheet HTML 8Page - Littelfuse L6004L5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
52
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants)
Symbol
Test Conditions
Quadrant
Lxx04x3
Lxx04x5
Lxx04x6
Lxx04x8
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
3
5
5
10
mA
IV
3
5
10
20
V
GT
ALL
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 110°C
ALL
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
5
10
10
15
mA
dv/dt
V
D = VDRM Gate Open TJ = 100°C
400V
TYP.
25
25
30
35
V/μs
600V
15
15
20
25
(dv/dt)c
(di/dt)c = 2.16 A/ms T
J = 110°C
TYP.
0.5
1
1
1
V/μs
t
gt
I
G = 2 x IGT PW = 15μs IT = 5.6 A(pk)
TYP.
2.8
3.0
3.0
3.2
μs
Absolute Maximum Ratings — Standard Triacs
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current
(full sine wave)
Qxx04Ly / Qxx04Dy
T
C = 95°C
4
A
Qxx04Ry / Qxx04Vy
T
C = 85°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
46
A
f = 60 Hz
t = 16.7 ms
55
I2t
I2t Value for fusing
t
p = 8.3 ms
12.5
A2s
di/dt
Critical rate of rise of on-state current
(I
G = 50mA with ≤ 0.1μs rise time)
f = 120 Hz
T
J = 125°C
50
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs;
I
GT ≤ IGTM
T
J = 125°C
1.2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.3
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, y = sensitivity
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Qxx04x3
Qxx04x4
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
25
mA
IV
TYP.
25
50
V
GT
I – II – III
MAX.
1.3
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
ALL
MIN.
0.2
0.2
V
I
H
I
T = 200mA
MAX.
20
30
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
40
75
V/μs
600V
30
50
800V
40
V
D = VDRM Gate Open TJ = 100°C
1000V
50
(dv/dt)c
(di/dt)c = 2.16 A/ms T
J = 125°C
TYP.
2
2
V/μs
t
gt
I
G = 2 x IGT PW = 15μs IT = 5.6 A(pk)
TYP.
2.5
3.0
μs
Note: xx = voltage, x = package


Numéro de pièce similaire - L6004L5

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
L6004L5 TECCOR-L6004L5 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004L5 LITTELFUSE-L6004L5 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6004L5 TECCOR-L6004L5 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004L5 LITTELFUSE-L6004L5 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004L5 LITTELFUSE-L6004L5 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Description similaire - L6004L5

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com