Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMA36 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce KMA36
Description  KMA36 universal magnetic encoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

KMA36 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  KMA36 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 2Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 3Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 4Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 5Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 6Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 7Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 8Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
KMA36 universal magnetic encoder
KMT36 Rev 4
www.meas-spec.com
2012-july
3/16
Absolute maximum ratings
CAUTION: Exceeding these values may destroy the product.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Top
Operating temperature
- 25
+ 85
°C
Tsto
Storage temperature
- 40
+ 85
°C
Vcc
Operating voltage
2.9
6
V
Vin
Input voltage on any Pin
Except on A1
-0.5
6.5
V
Vin
Input voltage on A1
-0.5
13
V
Iin
DC Current through any I/O Pin
40
mA
Iin
DC Current through S Pin
200
mA
Iin
DC Current through any C Pin
60
mA
Table 1: Absolute maximum ratings
 Operating conditions
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Top
Operating temperature
- 25
+ 85
°C
Vcc
Operating voltage
3
5.5
V
Vin
Input voltage on I/O pin
-0.3
5.3
V
ARef
External Analog Reference
2.0
1)
VCC
V
RAREF
Analog Reference input resistance
-
32
-
kΩ
Table 2: Operating conditions
1) Apply 2.0V at AREF for best results
Please refer to the typical application section to know which external components should be connected.
 AC/DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Iavg
Average current
1)
Except in sleep mode, Vcc = 5V
10
30
mA
Isleep
Sleep current
Vcc = 5V
1.2
mA
VIL
Input low voltage
Vcc = 5V, IOL = 10 mA
0.6
V
VIH
Input high voltage
Vcc = 5V, IOH = 10 mA
3
V
VOL
Output low voltage
Vcc = 5V, IOL = 10 mA
0.6
V
VOH
Output high voltage
Vcc = 5V, IOH = 10 mA
4.3
V
Table 3: AC/DC characteristics
1) Current measurement has been done with a standard circuit including a voltage divider on AREF.


Numéro de pièce similaire - KMA36

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
   Contactless Absolute 360째 (180째) angle measurement
logo
Humirel
KMA36 HUMIREL-KMA36 Datasheet
242Kb / 6P
   Digital Component Sensor (DCS) Development Tools
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
   Digital Magnetic Encoder Sensor
More results

Description similaire - KMA36

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
100165 PHILIPS-100165 Datasheet
373Kb / 7P
   Universal Priority Encoder
June 14 1990
logo
MultiDimension Technolo...
TMR3102 MULTIDIMENSION-TMR3102 Datasheet
1Mb / 14P
   TMR Magnetic Rotary Encoder
Version 2.0.1
TMR3105A MULTIDIMENSION-TMR3105A Datasheet
1Mb / 15P
   TMR Magnetic Rotary Encoder
Version 2.0.2
logo
Bourns Electronic Solut...
EMS22 BOURNS-EMS22 Datasheet
1Mb / 8P
   Non-Contacting Magnetic Encoder
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
   Digital Magnetic Encoder Sensor
logo
ams AG
AS5000-MA6H-1 AMSCO-AS5000-MA6H-1 Datasheet
73Kb / 1P
   Magnetic Rotary Encoder Family
AS5000-MA8H-1 AMSCO-AS5000-MA8H-1 Datasheet
87Kb / 1P
   Magnetic Rotary Encoder Family
logo
List of Unclassifed Man...
UT87C301 ETC-UT87C301 Datasheet
182Kb / 16P
   UNIVERSAL DIGITAL T ENCODER
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com