Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8592ARMZ-REEL Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8592ARMZ-REEL
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8592ARMZ-REEL Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8592ARMZ-REEL Datasheet HTML 2Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 3Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8592ARMZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
10
0.1
1
100
1k
1k
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 2.7V
TA = 25°C
SOURCE
SINK
Figure 5. Output Voltage to Supply Rail vs. Load Current
10
0.1
1
100
10k
1k
1k
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 5V
TA = 25°C
SOURCE
SINK
Figure 6. Output Voltage to Supply Rail vs. Load Current
–40
–20
100
0
20406080
0.90
0.50
0.85
0.70
0.65
0.60
0.55
0.80
0.75
VS = 5V
VS = 2.7V
TEMPERATURE (°C)
Figure 7. Supply Current per Amplifier vs. Temperature
0.8
0.7
0
0.4
0.3
0.2
0.1
0.6
0.5
TA = 25°C
SUPPLY VOLTAGE (±V)
0.75
1.25
1.75
2.25
2.75
3.00
Figure 8. Supply Current per Amplifier vs. Supply Voltage
–2
–8
–50
–35
85
5
–3
–4
–5
–6
–7
–15
TEMPERATURE (°C)
25
45
65
VS = 5V
VCM = 2.5V
Figure 9. Input Offset Voltage vs. Temperature
8
2
7
6
5
4
3
TEMPERATURE (°C)
–50
–35
85
5
–15
25
45
65
VS = 2.7V, 5V
VCM = VS/2
Figure 10. Input Bias Current vs. Temperature


Numéro de pièce similaire - AD8592ARMZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8592ARM AD-AD8592ARM Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results

Description similaire - AD8592ARMZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com