Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8594 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8594
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8594 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8594 Datasheet HTML 7Page - Analog Devices AD8594 Datasheet HTML 8Page - Analog Devices AD8594 Datasheet HTML 9Page - Analog Devices AD8594 Datasheet HTML 10Page - Analog Devices AD8594 Datasheet HTML 11Page - Analog Devices AD8594 Datasheet HTML 12Page - Analog Devices AD8594 Datasheet HTML 13Page - Analog Devices AD8594 Datasheet HTML 14Page - Analog Devices AD8594 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 11 of 16
THEORY OF OPERATION
The AD859x amplifiers are CMOS, high output drive, rail-to-
rail input and output single-supply amplifiers designed for low
cost and high output current drive. The parts include a power
saving shutdown function that makes the AD8591/AD8592/
AD8594 op amps ideal for portable multimedia and
telecommunications applications.
Figure 33 shows the simplified schematic for the AD8591/AD8592/
AD8594 amplifiers. Two input differential pairs, consisting of
an n-channel pair (M1, M2) and a p-channel pair (M3, M4),
provide a rail-to-rail input common-mode range. The outputs of
the input differential pairs are combined in a compound folded-
cascode stage that drives the input to a second differential pair
gain stage. The outputs of the second gain stage provide the gate
voltage drive to the rail-to-rail output stage.
The rail-to-rail output stage consists of M15 and M16, which
are configured in a complementary common source configuration.
As with any rail-to-rail output amplifier, the gain of the output
stage, and thus the open-loop gain of the amplifier, is dependent
on the load resistance. In addition, the maximum output voltage
swing is directly proportional to the load current. The difference
between the maximum output voltage to the supply rails, known as
the dropout voltage, is determined by the on-channel resistance
of the AD8591/AD8592/AD8594 output transistors. The output
dropout voltage is given in Figure 5 and Figure 6.
50µA
100µA
100µA
20µA
VB2
M5
M8
M12
M15
M16
M11
OUT
M3
M4
M1
IN–
IN+
VB3
M6
M7
M10
20µA
M13
50µA
V+
V–
M9
M14
M2
*
*
*
*
M337
SD
INV
*
*
M340
*ALL CURRENT SOURCES GO TO 0µA IN SHUTDOWN MODE.
INV
M31
M30
Figure 33. Simplified Schematic
INPUT VOLTAGE PROTECTION
Although not shown in the simplified schematic, ESD protection
diodes are connected from each input to each power supply rail.
These diodes are normally reverse-biased, but turn on if either
input voltage exceeds either supply rail by more than 0.6 V. If this
condition occurs, limit the input current to less than ±5 mA.
This is done by placing a resistor in series with the input(s).
The minimum resistor value should be
mA
5
, MAX
IN
IN
V
R
(1)
OUTPUT PHASE REVERSAL
The AD8591/AD8592/AD8594 are immune to output voltage
phase reversal with an input voltage within the supply voltages
of the device. However, if either of the inputs of the device exceeds
0.6 V outside of the supply rails, the output could exhibit phase
reversal. This is due to the ESD protection diodes becoming
forward-biased, thus causing the polarity of the input terminals
of the device to switch.
The technique recommended in the Input Voltage Protection
section should be applied in applications where the possibility
of input voltages exceeding the supply voltages exists.
OUTPUT SHORT-CIRCUIT PROTECTION
To achieve high output current drive and rail-to-rail performance,
the outputs of the AD859x family do not have internal short-
circuit protection circuitry. Although these amplifiers are
designed to sink or source as much as 250 mA of output current,
shorting the output directly to the positive supply could damage or
destroy the device. To protect the output stage, limit the maximum
output current to ±250 mA.
By placing a resistor in series with the output of the amplifier,
as shown in Figure 34, the output current can be limited. The
minimum value for RX is
mA
250
SY
X
V
R ≥
(2)
For a 5 V single-supply application, RX should be at least 20 Ω.
Because RX is inside the feedback loop, VOUT is not affected. The
trade-off in using RX is a slight reduction in output voltage
swing under heavy output current loads. RX also increases the
effective output impedance of the amplifier to RO + RX, where RO
is the output impedance of the device.
RX
20Ω
VOUT
AD8592
+5V
VIN
Figure 34. Output Short-Circuit Protection
POWER DISSIPATION
Although the AD859x amplifiers are able to provide load
currents of up to 250 mA, proper attention should be given to
not exceeding the maximum junction temperature for the device.
The junction temperature equation is
TJ
= PDISS × θJA + TA
(3)
where:
TJ
is the AD859x junction temperature.
PDISS
is the AD859x power dissipation.
θJA
is the AD859x junction-to-ambient thermal resistance of the
package.
TA
is the ambient temperature of the circuit.


Numéro de pièce similaire - AD8594

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8594 AD-AD8594 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
AD8594 AD-AD8594 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594AR AD-AD8594AR Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594AR AD-AD8594AR Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
More results

Description similaire - AD8594

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com