Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS2P5-M384A Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SS2P5-M384A
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P5-M384A Fiches technique(HTML) 2 Page - Vishay Siliconix

  SS2P5-M384A Datasheet HTML 1Page - Vishay Siliconix SS2P5-M384A Datasheet HTML 2Page - Vishay Siliconix SS2P5-M384A Datasheet HTML 3Page - Vishay Siliconix SS2P5-M384A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88943
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS2P5, SS2P6
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL is measured
at the terminal of cathode band. RJC is measured at the top center of the body
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
IF = 2 A
TJ = 25 °C
VF (1)
0.62
0.70
V
IF = 2 A
TJ = 125 °C
0.54
0.60
Maximum reverse current at rated VR
TJ = 25 °C
IR (2)
-
100
μA
TJ = 125 °C
1.6
10
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
80
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
SS2P5
SS2P6
UNIT
Typical thermal resistance
RJA (1)
115
°C/W
RJL (1)
15
RJC (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
Preferred P/N
Unit Weight (g)
Preferred Package Code
Base Quantity
Delivery Mode
SS2P5-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS2P5-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS2P5HM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS2P5HM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
0.4
0.8
1.2
1.6
2.0
2.4
80
90
100
110
120
130
140
150
TL - Lead Temperature (°C)
0
10
20
30
40
50
110
100
Number of Cycles at 60 Hz


Numéro de pièce similaire - SS2P5-M384A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS2P5-M3-84A VISHAY-SS2P5-M3-84A Datasheet
83Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P5-M3-85A VISHAY-SS2P5-M3-85A Datasheet
83Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results

Description similaire - SS2P5-M384A

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
   High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS5P3 VISHAY-SS5P3 Datasheet
105Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 22-Nov-07
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-May-08
SS5P9 VISHAY-SS5P9 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 29-Jul-08
SS8P2L VISHAY-SS8P2L Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com