Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 47 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
47
P U N C H D O W N T O O L S
Insulation displacement connections to properly seat and trim wires used with connectors. Make
effortless and uniform connections.
A REVOLUTIONARY ERGONOMIC DESIGN GUARANTEEING OPERATOR SAFETY & EFFICIENCY
EPB-66
EPB-110
EPB-KR
EPB-1000 ACCESSORIES
JONARD
PART NO.
DESCRIPTION
EPB-B
EPB-1000 Lithium Ion Battery
EPB-BC1
EPB-1000 115V Battery Charger
EPB-BC2
EPB-1000 230V Battery Charger
JONARD
PART NO.
DESCRIPTION
JIC-950C
Quick Clip Insertion Tool
JIC-955
JIC-950C Replacement Blade
EPB STANDARD DOUBLE-ENDED BLADES
JONARD
PART NO.
DESCRIPTION
EPB-66
66 Blade with & without cutter
EPB-110
110 Blade with & without cutter
EPB-KR
Krone Blade with & without cutter
This multipurpose wire insertion tool
performs several vital functions.
The wire cutter is designed to cut 22 & 24
gauge wire, the hook at the back of the
tool is used for both jumper and back-tap
removal, and the bit inserts 22 or 24 gauge
(0.5 mm or 0.6 mm) wire into the terminal
block. Ideal for wire insertion in 3-beam
(112 type blocks) and 4 beam (78 type
blocks) terminals in Cosmic and Cosmic II
distributing frames.
JIC-950C
EPB-1000
EPB-500
EPBKIT-66110
Benefits:
• 36% Time Savings
• Reduces the risk of carpal tunnel and other repetitive
stress injuries
• Effective means of combating fatigue
• Inexpensive option to promote worker safety
Features:
• Over 1,000 impacts between charges
• Dual action trigger for LED task lighting and impact
• Quick-easy blade lock and release
• 90º Blade orientation adjustment for any angled impact
• Hi/Low impact settings easily adjusted
• Powerful, lightweight 7.2V lithium ion battery
• Quick charge battery charger
• Patented
JONARD
PART NO.
DESCRIPTION
EPB-1200
Punchdown Tool, Battery, 115V Charger (no blades included)
EPB-1066
Punchdown Tool, Battery, 115V Charger, 66 blade
EPB-1110
Punchdown Tool, Battery, 115V Charger, 110 blade
EPB-11066
Punchdown Tool, Battery, 115V Charger, 110 & 66 blades
EPB-1000KR
Punchdown Tool, Battery, 115V Charger, Krone blade
EPB-2200
Punchdown Tool, Battery, 230V Charger (no blades included)
EPB-2066
Punchdown Tool, Battery, 230V Charger, 66 blade
EPB-2110
Punchdown Tool, Battery, 230V Charger, 110 blade
EPB-211066
Punchdown Tool, Battery, 230V Charger, 110 & 66 blades
EPB-2000KR
Punchdown Tool, Battery, 230V Charger, Krone blade
JONARD
PART NO.
DESCRIPTION
EPB-500
Ergonomic Punchdown Tool
EPB-KIT66
Ergonomic Punchdown Tool Plus 1 Blade (EPB-66)
EPB-KIT110
Ergonomic Punchdown Tool Plus 1 Blade (EPB-110)
EPB-KIT66110
Ergonomic Punchdown Tool Plus 2 Blades (EPB-66, EPB-110)
EPB-KITKR
Ergonomic Punchdown Tool Plus 1 Blade (EPB-KR Krone Blade)
• Ergonomic design to minimize repetitive stress and impact recoil
• The easiest high/low impact setting adjustment
• Convenient 2 blade storage compartment
• Non-slip handle
• Reliable fail safe mechanism
• Lifetime Warranty


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn