Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 46 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
46
FORCE GAUGES TENSION
PUSH-PULL GAUGES
Measurement is extremely simple. Just place point of gauge arm perpendicular to the force to be measured.
Reading can be taken in both directions - clockwise and counter-clockwise. Gauges offer extreme precision and
durability. The measuring springs are made of hard tempered annealed beryllium copper. All gauges equipped
with maximum reading pointer. Tolerance ± .01 (Reading + Maximum Scale Reading.)
Jonard force gauges are all ergonomically designed and have become the industry standard for measuring force.
Our 3 different lines of force gauges are used by a multitude of industries and these gauges are being used in over
1000 different applications for measuring, calibrating, standardizing, testing and evaluating.
PUSH-PULL PRECISION TENSION GAUGE
Precision, compact tubular-type mechanical force
gauge slender shape permits its use in confined areas.
Gauge is graduated in two scales: grams and ounces.
Precision springs individually are calibrated. Full scale
accuracy and permanent calibration is held to ± 1
graduation. Construction is brass with satin chrome
finish. Size: 1/2" diameter x 15" long.
JONARD
AVOIRDUPOIS
METRIC
P/N
CAPACITY
CAPACITY
GPP-8
8 oz. x 0.25 oz
220 g x 5 g
GPP-36
36 oz. x 0.5 oz. 1,020 g x 20 g
GPP-72
72 oz. x 1 oz.
2,025 g x 25 g
GPP-15
15 lb. x 4 oz.
6,804 x 100 g
JONARD
AVOIRDUPOIS
METRIC
P/N
CAPACITY
CAPACITY
GPP-5
1 lb X 1 oz.
500 g X 50 g
ECONOMY PUSH-PULL TENSION GAUGES
These high impact polystyrene cased instruments
accurately measure push pull forces. Gauge is
graduated in two scales: grams and ounces. Precision
springs. Full scale accuracy is held to ± 1 graduation.
Size: 11/2" wide x 1" deep x 14" long.
GPP-5
Small Gauges
(Flat Tip, Dial Diameter 1 1/2")
JONARD
RANGE
GRADUATION
PART NO.
IN GRAMS
IN GRAMS
GD-1
0-10
.25
GD-3
5-35
1.00
GD-5
10-50
1.00
GD-10
20-100
2.00
GD-15
50-150
5.00
GD-25
50-250
10.00
GD-30
40-350
10.00
Large Gauges
(Round Tip, Dial Diameter 2 1/2")
JONARD
RANGE
GRADUATION
PART NO.
IN GRAMS
IN GRAMS
GD-50
60-500
20.00
GD-100
150-1000
25.00
GD-200
300-2000
50.00
GD-400
700-4000
100.00
GPP-8
GPP-36
GPP-72
GPP-15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn