Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 45 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
45
A L I G N M E N T T O O L S
TRIMPOT
Double ended Trimpot with a hex
(allen) steel .050" and 3/32" long
steel screwdriver tip. Ideal for
aligning, adjusting, calibrating and
fine tuning of electronic circuitry,
potentiometers, oscilloscopes and
electronic equipment. Made of a
high impact non-conductive
thermoplastic material. 5" long.
JONARD
P/N
DESCRIPTION
AT-3767
Trimpot
JONARD
P/N
DESCRIPTION
S-389/10
Orange Sticks Point & Flat end Pk. of 10
S-389/100
Orange Sticks Point & Flat end Pk. of 100
S-389M/10
Orange Sticks 2 Flat ends Pk. of 10
S-389M/100
Orange Sticks 2 Flat ends Pk. of 100
ALIGNMENT TOOL KIT
This 5 piece pocket kit contains
a selection of the most popular
non-conductive tools for aligning
and adjusting components.
AT-3767 Trimpot, AT-6241
Alignment Tool, AT-3112 Spudger,
S-389 Orange Stick, JIC-22035
Probe Pick
JONARD
P/N
DESCRIPTION
TK-AT5
Alignment Tool Kit
ALIGNMENT TOOL
2-in1 nonconductive Alignment
Tool 1/4" in diameter, stepped
down to 5/32" in diameter. Ideal
for most variable capacitors, coils
and resistors. Also used to harness
and separate fine wire terminals
in computers, telephones and
cables. Made of non-conductive
thermoplastic material. 7" long.
SPUDGER
Plastic pencil type tool tapered to
a point on one end and
screwdriver tip on other end.
Used to form, shape, guide,
spudge and separate fine
computer wire terminals,
telephone wires and cables.
Also used for breaking solder
bridges, probing or positioning
loose components. Made of a
high impact non-conductive
thermoplastic material. 6" double
ended 5/16" diameter long.
ORANGE STICKS
Static free double ended economical tool
made of birch wood. Used for cleaning
electrical components and separating
contact points, fine wires and other delicate
components. 3/16” diameter x 7” long. The
S-389 has one end tapered to a point and
the other end to a flat screwdriver type tip.
The S-389M has both ends tapered with a
flat screwdriver type tip.
AT-3112
AT-6241
AT-3767
S-389
S-389M
Flat end
Point end
AT-3112
AT-6241
AT-3767
JIC-22035
S-389
PROBE PICK
Tough resilient yellow nylon
probe “spudger”. One end is
tapered to a 1/16” diameter point
having an insulated “L” shaped
wire hook extension. The other
end tapers to a flat, 3/16” wide
and 1/16” thick, with 2 small
notches. Used in electrical
contacts. 7” long.
JONARD
P/N
DESCRIPTION
JIC-22035
Insulated Probe Pick
JIC-22035NT
Uninsulated Probe Pick
JIC-22035
JONARD
P/N
DESCRIPTION
AT-3112
Spudger
JONARD
P/N
DESCRIPTION
AT-6241
Alignment Tool


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn