Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 43 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
43
CONNECTOR & EXTRACTION TOOLS
B U R N I S H E R S
PB-3, PB-7 & PB-3R
B-3R
B-3
B-7
JONARD
P/N
DESCRIPTION
D-200
Diamond Burnisher
Coarse
D-300
Diamond Burnisher
Medium
D-400
Diamond Burnisher
Fine
K-234
Diamond Burnisher
Assortment Kit
D-200 Coarse (grit for rapid cleaning),
.019" Thick, two diamond faces, green shaft.
D-300 Medium (grit for intermediate size contacts),
.017" Thick, two diamond faces, red shaft.
D-400 Fine (grit for small sensitive contacts),
.011" Thick, single diamond face, blue shaft.
K-234, Three assorted spatulas in a leather case.
CONTACT BURNISHERS
Plastic insulated handles for working on live contacts. Tools are
packaged in a clear plastic vial for protection from grease and
moisture.
JONARD
P/N
DESCRIPTION
OB-1/3
For Fine Contacts.
Black handle 3/16” wide, .007” thick. 3” long, Package of 3
OB-1/12
For Fine Contacts.
Black handle 3/16” wide, .007” thick. 3” long, Package of 12
OB-2/12
For Extra Sensitive Points.
Blue handle. 1/4” wide, .007” thick. 3” long, Package of 12
OB-3/12
For General Purpose Contacts.
Red handle. 1/4” wide, .010” thick. 3” long, Package of 12
OB-4/12
For Industrial Use.
Green handle. 1/4” wide. .020” thick 3” long, Package of 12
K-234
JONARD
P/N
DESCRIPTION
PB-3
Pen With 6 Blades .0035” Thick
PB-3R
PB-3 plus 6 abrasive rods .020”
PB-7
Pen With 6 Blades, .007” thick
B-3/25
Pkg. 25 Replacement Blades for PB-3 (.0035”)
B-3R/25
Pkg. 25 Replacement Rods for PB-3R (.020”)
B-7/25
Pkg. 25 Replacement Blades for PB-7 (.007”)
OB-4
OB-1
OB-2
OB-3
DIAMOND BURNISHERS
These diamond contact burnishing spatulas consist of
uniform abrasive diamond particles, set in a special metal
for precise effective cleaning, polishing and burnishing
with minimum pressure, so very little metal is removed.
Diamond face 1” x 1/4”. Total length 6”.
D-200, D-300, D-400
POCKET TYPE BURNISHERS
Adjustment of flexible blade-length and rigidity - is possible
by varying depth in chuck. Supplied with replaceable blades
stored in pen barrel at other end. Plastic barrel and cap
made of sturdy plastic for dielectric work. Length 4 1/2",
diameter 3/8". Blades are 3/16" Wide x 1 1/2" long. Rods are
.020" diameter x 1 1/4" long.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn