Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 42 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
42
JONARD
MILITARY
COLOR
CONTACT
DIA
P/N
STANDARD (MS)
CODE
SIZE
A-4598
MS24256-A20
RED
20
0.040”
A-4599
MS24256-A16
BLUE
16
0.063”
A-4600
MS24256-A12
YELLOW
12
0.093”
KA-260 Insertion Tool Kit (contains above 3 tools) in leather case
A-4598
A-4599
A-4600
R-9461
R-4601
R-4602
KR-260
KA-260
CONNECTOR INSERTION AND EXTRACTION TOOLS
These tools service virtually all connectors conforming to Mil-C-26482, Mil-C-26500 with
front release contacts made by such manufacturers as Amp, Amphenol, Bendix, Burndy,
Cannon, Cinch, Continental, Elco, Flight, Pyle National and Deutsch. These tools contain
strong, durable, stainless steel probes & color coded handles.
PIN EXTRACTOR
A plunger style pin extractor for
pushing pins out from behind the
connector blocks for contact sizes
16-20. 3” long.
R-5926
CONNECTOR & EXTRACTION TOOLS
JONARD
MILITARY
COLOR
CONTACT
DIA
P/N
STANDARD (MS)
CODE
SIZE
R-4601
MS24256-R20
RED
20
0.040”
R-4602
MS24256-R16
BLUE
16
0.063”
R-9461
MS24256-R12
YELLOW
12
0.093”
KR-260 Removal Tool Kit (contains above 3 tools) in leather case
LAMP EXTRACTOR
Mechanical type extractor used to
remove or insert miniature lamps
with bayonnet type bases in
panels and switchboards by firmly
and gently grasping lamps. Grasp
lever includes a return spring for
fast lamp insertion and removal.
Lamp grasp is limited to 5/16" to
prevent shorts. Handle diameter
1/2”. 4” long.
S-339
JONARD
P/N
DESCRIPTION
S-339
Lamp Extractor
CONTACT INSERTION-EXTRACTION
TOOL
A pin & socket insertion & extraction
tool for contact size 20. Works on D
subminiature connectors such as
DB25, DB9 and contact size 20DM &
20DF. Tool constructed of brass and
ABS plastic with the red side for
insertion and the white side for
extraction
AR-910672
JONARD
P/N
DESCRIPTION
AR-910672
Contact Insertion-Extraction Tool
JONARD
P/N
DESCRIPTION
R-5926
Pin Extractor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn